Electronic Components Datasheet Search
  English  ▼

X  

1383 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # 1383
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1383 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

Back Button 1383 Datasheet HTML 2Page - Anderson Power Products, Inc. 1383 Datasheet HTML 3Page - Anderson Power Products, Inc. 1383 Datasheet HTML 4Page - Anderson Power Products, Inc. 1383 Datasheet HTML 5Page - Anderson Power Products, Inc. 1383 Datasheet HTML 6Page - Anderson Power Products, Inc. 1383 Datasheet HTML 7Page - Anderson Power Products, Inc. 1383 Datasheet HTML 8Page - Anderson Power Products, Inc. 1383 Datasheet HTML 9Page - Anderson Power Products, Inc. 1383 Datasheet HTML 10Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
- 6 - | www.andersonpower.com
Cover Kit
Description
- Part Numbers -
Minimum Quantity .....
10
.....
Receptacle
SK9-095
Plug
SK9P-095
Component Replacement Parts
Description
- Part Number -
Minimum Quantity .....
1000 .......
#8 x 5/8 screws
H1120P41
PP75 Spacer & Key
Description
-------- Part Numbers --------
Minimum Quantity .....
1000
100 ....
Red, short
1399G23-BK
1399G23
Red, long
1399G21-BK
1399G21
| ORDERING INFORMATION |
Step 1: Select Shell (Pick 1 Receptacle Shell Kit & Pick 1 Plug Shell Kit)
Panel Mount
Receptacle
Gasket
Panel Mount
Receptacle
Shell With Latches
Powerpole®
Holder Set
Holder Retaining Screws
Holder Retaining Screws
Powerpole®
Holder Set
Inline Receptacle
Shell With Latches
Powerpole®
Holder Set
Holder
Retaining
Screws
Plug Shell
IP68 Sealing
Plug Cover
IP68 Sealing
Receptacle Cover
Lanyard
Short
Long
| ACCESSORIES |
Panel Mount Receptacle Shell Kit
Description
-- Part Numbers --
Minimum Quantity .......................
10
.....
With 2 pole PP180 holders
SK2-095H02
With 3 pole PP180 holders
SK2-095H03
With 6 pole PP75 holders
SK2-095H06
Inline Receptacle Shell Kit (PG 36)
Description
-- Part Numbers --
Minimum Quantity .......................
10
.....
PG 36, with 2 pole PP180 holder
SK1-A95H02
PG 36, with 3 pole PP120 holder
SK1-A95H03
PG 36, with 6 pole PP75 holder
SK1-A95H06
Plug Shell Kit (PG 36)
Description
-- Part Numbers --
Minimum Quantity .......................
10
.....
PG 36, with 2 pole PP180 holder
SK6-A95H02
PG 36, with 3 pole PP120 holder
SK6-A95H03
PG 36, with 6 pole PP75 holder
SK6-A95H06
Inline Receptacle Shell Kit (PG 42)
Description
-- Part Numbers --
Minimum Quantity .......................
10
.....
PG 42, with 2 pole PP180 holder
SK1-B95H02
PG 42, with 3 pole PP120 holder
SK1-B95H03
PG 42, with 6 pole PP75 holder
SK1-B95H06
Plug Shell Kit (PG 42)
Description
-- Part Numbers --
Minimum Quantity .......................
10
.....
PG 42, with 2 pole PP180 holder
SK6-B95H02
PG 42, with 3 pole PP120 holder
SK6-B95H03
PG 42, with 6 pole PP75 holder
SK6-B95H06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com