Electronic Components Datasheet Search
  English  ▼

X  

1384 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 1384
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1384 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  1384 Datasheet HTML 1Page - Anderson Power Products, Inc. 1384 Datasheet HTML 2Page - Anderson Power Products, Inc. 1384 Datasheet HTML 3Page - Anderson Power Products, Inc. 1384 Datasheet HTML 4Page - Anderson Power Products, Inc. 1384 Datasheet HTML 5Page - Anderson Power Products, Inc. 1384 Datasheet HTML 6Page - Anderson Power Products, Inc. 1384 Datasheet HTML 7Page - Anderson Power Products, Inc. 1384 Datasheet HTML 8Page - Anderson Power Products, Inc. 1384 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
- 3 -
www.andersonpower.com |
Specifications
High Power SPEC Pak® Shell / Components
Electrical
UL Voltage Rating (AC/DC)
600
Dielectric Withstanding Voltage (AC)
3000
Operating Temperature (°C ) [1]
-40 to 105
(°F )
-40 to 221
Flammability Rating of SPEC Pak® Shells
UL94 V-0
UV Rating (equivalent)
UL746C F1
Mechanical
Shell/Latch Mating Cycles
1,500 Min.
Average Connect/Disconnect (lbf)
28
(N)
125
IP Rating
IP68
UL50E Sealing Requirement
Pass
Crush Test per EIA-364-40B
Pass
Drop Test per UL50E
Pass
Material
SPEC Pak® - Receptacle, Plug & Holders
PBT
Latch
Stainless Steel
Latch Retainer
Stainless Steel
Holder Mount Hardware
Nickel Plated Steel
Powerpole® Contacts
PP180
PP120
PP75
PowerMod®
UL Current Rating (Amperes) [2]
260
190
70
5
CSA (30C Rise) (Amperes) [2]
140
100
40
5
Voltage Rating (AC/DC)
600
600
600
600
Contact Barrel Wire Size (AWG)
3/0 to 6
1/0 to 6
6 to 12
12 to 24
(mm²)
85 to 13.3
53.5 to 13.3
13.3 to 3.3
4.0 to 0.25
Average Contact Resistance (milliohm)
0.10
0.14
0.20
3.00
Contact Retention Force (lbf)
170
100
50
8
(N)
756
445
222
36
Operating Temperature (°C) [1]
-20 to 105
-20 to 105
-20 to 105
-20 to 105
(°F)
-4 to 221
-4 to 221
-4 to 221
-4 to 221
Flammability Rating
UL94 V-0
UL94 V-0
UL94 V-0
UL94 V-0
Contact Materials
Copper
Copper
Copper
Copper Alloy
Contact Plating
Silver
Silver
Silver
Gold over Nickel
Mechanical
Mating Cycles - no load [3]
10,000
10,000
10,000
10,000
Average Connect/Disconnect (lbf)
20
8
5 (Low Detent)
10 oz. (3N) Average
7 (High Detent)
Material
Powerpole® Housing Material
Polycarbonate
Polycarbonate
Polycarbonate
PBT
NOTE: [1] -40° to 105° C (-40° to 221° F) can be achieved by using APP Chemical Resistant Powerpole® housing. Contact factory for more information.
[2] Based on Panel Mount Receptacle to Plug configuration.
[3] Based on silver plated contacts.
For other industry tests and/or agency approvals, contact customer service.
Mated pair
High Power Plug To
Inline Receptacle
Inline Receptacle
Latch
Plug
PG Gland



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com