Electronic Components Datasheet Search
  English  ▼

X  

1384 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 1384
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1384 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  1384 Datasheet HTML 1Page - Anderson Power Products, Inc. 1384 Datasheet HTML 2Page - Anderson Power Products, Inc. 1384 Datasheet HTML 3Page - Anderson Power Products, Inc. 1384 Datasheet HTML 4Page - Anderson Power Products, Inc. 1384 Datasheet HTML 5Page - Anderson Power Products, Inc. 1384 Datasheet HTML 6Page - Anderson Power Products, Inc. 1384 Datasheet HTML 7Page - Anderson Power Products, Inc. 1384 Datasheet HTML 8Page - Anderson Power Products, Inc. 1384 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
- 4 - | www.andersonpower.com
Product Selection Guide
SPEC Pak® High Power Series is a highly configurable environmentally sealed connector, that can be purchased as
components in bulk for volume production, or pre-packaged as a kit. For your convenience, follow the steps below to
determine the component or kit part number.
| KIT PART NUMBER GUIDE (FOR KITTED CONNECTOR PURCHASE) |
| COMPONENT PART NUMBER GUIDE (FOR COMPONENT BULK PURCHASE) |
Step 1: Select Shell
* Select shell kit for use with PG36 _____ or PG42 _____ from page 6.
Step 1 - (see page 6)
Plug
Inline Receptacle
Panel Mount Receptacle
Step 2: Select Wire Protection
* Define:
Number of Wires
Wire OD
Wires
- Discrete ______________
_____________
- Bundled ______________
_____________
* Select PG Gland size PG36 ________ PG42 ________
* Select wire protection that will accommodate the number of
wires and outer diameter (OD) of the wire used in your
application, from page 7.
* Wire protection is required for use with Inline Receptacles and
Plugs to obtain IP68 seal.
095 = 095mm Panel Mount
Receptacle Shell
A95 = 095mm Inline
Receptacle or Plug
Shell, PG 36
B95 = 095mm Inline
Receptacle or Plug
Shell, PG 42
H02, PP180, 2 Pole
H03, PP120, 3 Pole
H06, PP75, 6 Pole
1 = Inline Receptacle
2 = Panel Mount Receptacle
6 = Plug
9 = Receptacle Cover
9P = Plug Cover
List Kit Part Number Here:
............................................................................................. Shell ........................................................................................
SPEC Pak® Series
Shell Color
Shell Style
Shell Size
Insert Arrangement
(Select One)
Dash
(Select One)
(Select One)
S
K
-
List Component Part Numbers Here:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com