Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 1 Page - Belden Inc.

Part # 200
Description  7/8" Power Double-Ended Cordset: Male straight to female straight, 5-pin(4PE), orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

200 Datasheet(HTML) 1 Page - Belden Inc.

  200 Datasheet HTML 1Page - Belden Inc. 200 Datasheet HTML 2Page - Belden Inc. 200 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSRK 50-04
7/8" Power Double-Ended Cordset: Male straight to female straight,
5-pin(4+PE), orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
Product Description
7/8" Power Double-Ended Cordset: Male straight to female straight, 5-pin(4+PE), orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1 Pin 2
Pin 3
Pin 4
Pin 5
black blue
green-yellow brown white
Face View Side 2
Pin 1 Pin 2
Pin 3
Pin 4
Pin 5
black blue
green-yellow brown white


Similar Part No. - 200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
200 ETC1-200 Datasheet
3Mb / 2P
100/200
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
200 ETC2-200 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
200 SUNMATE-200 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
More results

Similar Description - 200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300640178 MOLEX11-1300640178 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640187 MOLEX11-1300640187 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640196 MOLEX11-1300640196 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640206 MOLEX11-1300640206 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight),
1300640221 MOLEX11-1300640221 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300620088 MOLEX11-1300620088 Datasheet
29Kb / 1P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
1200805083 MOLEX-1200805083 Datasheet
28Kb / 2P
Ultra-Lock (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight), PUR/PVC Cable, 1.0m (3.28) Length
11/15/2022
1200070083 MOLEX-1200070083 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 0.34mm² PVC Cable, 1.0m (3.28) Length
01/31/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com