Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - Belden Inc.

Part # 200
Description  7/8" Power Double-Ended Cordset: Male straight to female straight, 5-pin(4PE), orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

200 Datasheet(HTML) 2 Page - Belden Inc.

  200 Datasheet HTML 1Page - Belden Inc. 200 Datasheet HTML 2Page - Belden Inc. 200 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Unshielded
Rated Voltage:
250 V AC/DC
Operating Voltage:
230 V AC/DC
Rated Current*:
9 A
Technical Data Side 1
Product Sub Family:
7/8"
Type of Contact / Gender:
male
Connector Design:
straight
Attachment Type:
Coupling nut
Number of Pins:
5
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Ambient Temperature (Operation)*:
-40 °C to +90 °C
Protection Degree / IP Rating**:
IP68
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material:
CuZn
Contact Plating:
Cu/Au
Contact Bearer Material:
TPU
Contact Bearer Color:
orange
Molded Body Material:
TPU
Molded Body Color:
orange
Attachment Material:
PA, black
Note:
Do not connect / disconnect under load.
Cable Data
Cable Number:
04
Conductor Size:
0.5 mm²
Number of Wires:
5
Minimal Bending Radius (Fixed Inst):
˃ 5 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Conductor material:
Cu
Cable Jacket Material:
PVC
Cable Jacket Color:
orange
Cable Diameter D:
ø 6.80 ±0.20 mm
Wire Insulation Material:
PVC
Insulated Wire Diameter:
ø 1.80 mm
Ambient Temperature (Fixed Installation):
- 40 °C to +90 °C
Ambient Temperature (Flex Installation):
+ 5 °C to +90 °C
UL Cable Type:
AWM: 2654
Flammability Class (Cable Jacket):
DIN EN 60332-1-2, VDE 0482-332-1-2, IEC 60332-1-2, UL VW-1; flame-retardant and self-extinguishing
Technical Data Side 2
Product Sub Family, Side 2:
7/8" Circular Connectors
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
5(4+PE)
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Ambient Temperature (Operation), Side 2*: -40 °C to +90 °C
Protection Degree / IP Rating, Side 2**:
IP68



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com