Electronic Components Datasheet Search
  English  ▼

X  

FM25CL64 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25CL64
Description  64Kb FRAM Serial 3V Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25CL64 Datasheet HTML 4Page - Ramtron International Corporation FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation FM25CL64 Datasheet HTML 10Page - Ramtron International Corporation FM25CL64 Datasheet HTML 11Page - Ramtron International Corporation FM25CL64 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25CL64 - Automotive Temp.
Rev. 3.0
May 2007
Page 8 of 13
0
1
2
345
67
0
1
2
34
5
3
456
7
0
1
2
345
6
7
op-code
0
0
0
0
0
0
1
0
MSB
13-bit Address
X
X
X
121110
4
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
Figure 9. Memory Write
0
1
2
34567
0
1
2
34
5
3
4
567
0
1
2
34567
op-code
0
0
0
0
0
0
1
MSB
13-bit Address
X
X
X
12 11 10
43
210
76
54321
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
1
Figure 10. Memory Read
Data Retention
The FM25CL64 automotive grade device operates up
to +125
°C. Data retention time is a function of
temperature, and is shorter as temperature increases.
Data retention is guaranteed even after the device is
subjected to all three of the following conditions: 17
years at an average temperature of 55
°C and 9000
hours at a temperature of 125
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com