Electronic Components Datasheet Search
  English  ▼

X  

FM25CL64 Datasheet(PDF) 12 Page - Ramtron International Corporation

Part # FM25CL64
Description  64Kb FRAM Serial 3V Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 12 Page - Ramtron International Corporation

Back Button FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation FM25CL64 Datasheet HTML 10Page - Ramtron International Corporation FM25CL64 Datasheet HTML 11Page - Ramtron International Corporation FM25CL64 Datasheet HTML 12Page - Ramtron International Corporation FM25CL64 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FM25CL64 - Automotive Temp.
Rev. 3.0
May 2007
Page 12 of 13
Mechanical Drawing
8-pin SOIC (JEDEC Standard MS-012 variation AA)
Pin 1
3.90 ±0.10
6.00 ±0.20
4.90 ±0.10
0.10
0.25
1.35
1.75
0.33
0.51
1.27
0.10 mm
0.25
0.50
45
°
0.40
1.27
0.19
0.25
0
°- 8°
Recommended PCB Footprint
7.70
0.65
1.27
2.00
3.70
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXX= part number, P= package type, T= temp (A=automotive grade, blank=ind.)
LLLLLLL= lot code
RIC=Ramtron Int’l Corp, YY=year, WW=work week
Example: FM25CL64, “Green” SOIC package, Automotive, Year 2006, Work Week 19
FM25CL64GA
A60007G
RIC0619
XXXXXXX-PT
LLLLLLL
RICYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com