Electronic Components Datasheet Search
  English  ▼

X  

FM25L16 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25L16
Description  16Kb FRAM Serial 3V Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25L16 Datasheet HTML 1Page - Ramtron International Corporation FM25L16 Datasheet HTML 2Page - Ramtron International Corporation FM25L16 Datasheet HTML 3Page - Ramtron International Corporation FM25L16 Datasheet HTML 4Page - Ramtron International Corporation FM25L16 Datasheet HTML 5Page - Ramtron International Corporation FM25L16 Datasheet HTML 6Page - Ramtron International Corporation FM25L16 Datasheet HTML 7Page - Ramtron International Corporation FM25L16 Datasheet HTML 8Page - Ramtron International Corporation FM25L16 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2006
Page 1 of 14
FM25L16
16Kb FRAM Serial 3V Memory
Features
16K bit Ferroelectric Nonvolatile RAM
•
Organized as 2,048 x 8 bits
•
Unlimited Read/Write Cycles
•
45 Year Data Retention
•
NoDelay™ Writes
•
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
•
Up to 18 MHz Frequency
•
Direct Hardware Replacement for EEPROM
•
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
•
Hardware Protection
•
Software Protection
Low Power Consumption
•
Low Voltage Operation 2.7-3.6V
•
1
µA Standby Current
Industry Standard Configuration
•
Industrial Temperature -40
°C to +85°C
•
“Green”/RoHS 8-pin SOIC Package
•
“Green”/RoHS 8-pin TDFN Package
•
TDFN Footprint Conforms to TSSOP-8
Description
The FM25L16 is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 45 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM25L16 performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array
immediately after each byte has been transferred to
the device. The next bus cycle may commence
without the need for data polling. The product offers
virtually
unlimited
write
endurance,
orders
of
magnitude more endurance than EEPROM. FRAM
also exhibits much lower power during writes than
EEPROM.
These capabilities make the FM25L16 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25L16 provides substantial benefits to users
of
serial
EEPROM
as
a
hardware
drop-in
replacement. The FM25L16 uses the high-speed SPI
bus, which enhances the high-speed write capability
of FRAM technology. Device specifications are
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
Pin Name
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM25L16-G
“Green”/RoHS 8-pin SOIC
FM25L16-DG
“Green”/RoHS 8-pin TDFN
/CS
SO
/WP
VSS
VDD
/HOLD
SCK
SI
Top View
1
2
3
4
8
7
6
5
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25L16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
16Kb FRAM Serial 3V Memory
FM25L16-DG ETC-FM25L16-DG Datasheet
149Kb / 14P
16Kb FRAM Serial 3V Memory
FM25L16-G ETC-FM25L16-G Datasheet
149Kb / 14P
16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
16Kb FRAM Serial Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
16Kb FRAM Serial 3V Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
512Kb FRAM Serial 3V Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com