Electronic Components Datasheet Search
  English  ▼

X  

FM25L16 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25L16
Description  16Kb FRAM Serial 3V Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25L16 Datasheet HTML 6Page - Ramtron International Corporation FM25L16 Datasheet HTML 7Page - Ramtron International Corporation FM25L16 Datasheet HTML 8Page - Ramtron International Corporation FM25L16 Datasheet HTML 9Page - Ramtron International Corporation FM25L16 Datasheet HTML 10Page - Ramtron International Corporation FM25L16 Datasheet HTML 11Page - Ramtron International Corporation FM25L16 Datasheet HTML 12Page - Ramtron International Corporation FM25L16 Datasheet HTML 13Page - Ramtron International Corporation FM25L16 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25L16
Rev. 3.0
Aug. 2006
Page 11 of 14
Serial Data Bus Timing
/Hold Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
Data Retention (VDD = 2.7V to 3.6V, + 85° C)
Parameter
Min
Max
Units
Notes
Data Retention
45
-
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com