Electronic Components Datasheet Search
  English  ▼

X  

FM4005 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM4005
Description  Integrated Processor Companion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM4005 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM4005 Datasheet HTML 1Page - Ramtron International Corporation FM4005 Datasheet HTML 2Page - Ramtron International Corporation FM4005 Datasheet HTML 3Page - Ramtron International Corporation FM4005 Datasheet HTML 4Page - Ramtron International Corporation FM4005 Datasheet HTML 5Page - Ramtron International Corporation FM4005 Datasheet HTML 6Page - Ramtron International Corporation FM4005 Datasheet HTML 7Page - Ramtron International Corporation FM4005 Datasheet HTML 8Page - Ramtron International Corporation FM4005 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Pre-Production
This is a product in pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change
1850 Ramtron Drive, Colorado Springs, CO 80921
the specifications. Ramtron will issue a Product Change Notice if
(800) 545-FRAM, (719) 481-7000
any specification changes are made.
www.ramtron.com
Rev. 2.3
Oct. 2006
Page 1 of 23
FM4005
Integrated Processor Companion
Features
High Integration Device Replaces Multiple Parts
•
Real-time Clock (RTC)
•
Low Voltage Reset
•
Watchdog Timer
•
Early Power-Fail Warning/NMI
•
Two 16-bit Event Counters
•
Serial Number with Write-lock for Security
Real-Time Clock/Calendar
•
Backup Current under 1
µA
•
Seconds through Centuries in BCD format
•
Tracks Leap Years through 2099
•
Uses Standard 32.768 kHz Crystal (6pF)
•
Software Calibration
•
Calibration Data is Nonvolatile
•
Programmed Settings are Nonvolatile
•
Supports Battery or Capacitor Backup
Processor Companion
•
Active-low Reset Output for VDD and Watchdog
•
Programmable Low VDD Reset Thresholds
•
Manual Reset Filtered and Debounced
•
Programmable Watchdog Timer
•
Dual Battery-backed Event Counter Tracks System
Intrusions or other Events
•
Comparator for Early Power-Fail Interrupt
•
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
•
Up to 1 MHz Maximum Bus Frequency
•
Supports Legacy Timing for 100 kHz & 400 kHz
Easy to Use Configurations
•
Operates from 2.7 to 5.5V
•
Small Footprint 14-pin “Green” SOIC (-G)
•
Low Operating Current
•
-40
°C to +85°C Operation
Description
The FM4005 is an integrated device that includes the
most commonly needed functions for processor-
based systems. Major features include real-time
clock, low-VDD reset, watchdog timer, battery-backed
event counter, lockable 64-bit serial number area, and
general purpose comparator that can be used for a
power-fail (NMI) interrupt or other purpose. The
family operates from 2.7 to 5.5V.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU
support
functions.
Supervisory
functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The device also includes
a programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers a
dual battery-backed event counter that tracks the
number of rising or falling edges detected on
dedicated input pins.


Similar Part No. - FM4005

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4005 RECTRON-FM4005 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4005 FORMOSA-FM4005 Datasheet
67Kb / 2P
Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4005 PACELEADER-FM4005 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM4005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
3V Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com