Electronic Components Datasheet Search
  English  ▼

X  

FM4005 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM4005
Description  Integrated Processor Companion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM4005 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM4005 Datasheet HTML 1Page - Ramtron International Corporation FM4005 Datasheet HTML 2Page - Ramtron International Corporation FM4005 Datasheet HTML 3Page - Ramtron International Corporation FM4005 Datasheet HTML 4Page - Ramtron International Corporation FM4005 Datasheet HTML 5Page - Ramtron International Corporation FM4005 Datasheet HTML 6Page - Ramtron International Corporation FM4005 Datasheet HTML 7Page - Ramtron International Corporation FM4005 Datasheet HTML 8Page - Ramtron International Corporation FM4005 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
FM4005
Rev. 2.3
Oct. 2006
Page 2 of 23
Pin Configuration
Pin Name
Function
CNT1, CNT2
Battery-backed Counter Inputs
CAL/PFO
Clock Calibration and Early
Power-fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
X1, X2
Crystal Connections
SDA
Serial Data
SCL
Serial Clock
DNU
Do Not Use
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Operating Voltage
Reset Threshold
Ordering Part Number
FM4005
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM4005-G
VDD
VBAK
SCL
SDA
VSS
X1
X2
CNT1
PFI
RST
DNU
DNU
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CAL/PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com