Electronic Components Datasheet Search
  English  ▼

X  

IRF1407LPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF1407LPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407LPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF1407LPBF Datasheet HTML 4Page - International Rectifier IRF1407LPBF Datasheet HTML 5Page - International Rectifier IRF1407LPBF Datasheet HTML 6Page - International Rectifier IRF1407LPBF Datasheet HTML 7Page - International Rectifier IRF1407LPBF Datasheet HTML 8Page - International Rectifier IRF1407LPBF Datasheet HTML 9Page - International Rectifier IRF1407LPBF Datasheet HTML 10Page - International Rectifier IRF1407LPBF Datasheet HTML 11Page - International Rectifier IRF1407LPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRF1407S/LPbF
www.irf.com
9
D2Pak Part Marking Information
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
F530S
T HIS IS AN IRF 530S WIT H
LOT CODE 8024
ASSE MB LE D ON WW 02, 2000
IN T HE ASSE MB LY L INE "L"
AS SE MB LY
LOT CODE
INT E RNAT IONAL
RE CT IF IE R
LOGO
PART NUMB E R
DAT E CODE
YE AR 0 = 2000
WEE K 02
LINE L
OR
F530S
A = AS S EMBLY S IT E CODE
WEE K 02
P = DES IGNAT E S LE AD-F RE E
PRODUCT (OPT IONAL)
RE CT IF IER
INT ERNAT IONAL
LOGO
LOT CODE
AS S E MB LY
YEAR 0 = 2000
DAT E CODE
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com