Electronic Components Datasheet Search
  English  ▼

X  

IRF1407LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1407LPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF1407LPBF Datasheet HTML 1Page - International Rectifier IRF1407LPBF Datasheet HTML 2Page - International Rectifier IRF1407LPBF Datasheet HTML 3Page - International Rectifier IRF1407LPBF Datasheet HTML 4Page - International Rectifier IRF1407LPBF Datasheet HTML 5Page - International Rectifier IRF1407LPBF Datasheet HTML 6Page - International Rectifier IRF1407LPBF Datasheet HTML 7Page - International Rectifier IRF1407LPBF Datasheet HTML 8Page - International Rectifier IRF1407LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ˆ
100
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10Vˆ
70
†
A
IDM
Pulsed Drain Current
ˆ
520
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚ˆ
390
mJ
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒˆ
4.6
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
HEXFET® Power MOSFET
S
D
G
Absolute Maximum Ratings
VDSS = 75V
RDS(on) = 0.0078Ω
ID = 100A
†
Description
06/30/04
www.irf.com
1
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free
Benefits
PD -95486
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient(PCB Mounted,steady-state)**
–––
40
Thermal Resistance
IRF1407SPbF
IRF1407LPbF
TO-262
IRF1407L
D2Pak
IRF1407S
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for
high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF1407L) is available for low-
profile applications.
**When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer
to application note #AN-994.


Similar Part No. - IRF1407LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF1407LPbF INFINEON-IRF1407LPbF Datasheet
578Kb / 12P
HEXFET짰 Power MOSFET
2016-5-26
More results

Similar Description - IRF1407LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com