Electronic Components Datasheet Search
  English  ▼

X  

XC6401 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6401
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6401 Datasheet HTML 15Page - Torex Semiconductor XC6401 Datasheet HTML 16Page - Torex Semiconductor XC6401 Datasheet HTML 17Page - Torex Semiconductor XC6401 Datasheet HTML 18Page - Torex Semiconductor XC6401 Datasheet HTML 19Page - Torex Semiconductor XC6401 Datasheet HTML 20Page - Torex Semiconductor XC6401 Datasheet HTML 21Page - Torex Semiconductor XC6401 Datasheet HTML 22Page - Torex Semiconductor XC6401 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
XC6401
Series
(9) Ripple Rejection Rate
(10) Cross Talk
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6401(5.0V)
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=5.75V DC+0.5Vp-pAC
IOUT=30mA, CL=1uF (ceramics)
XC6401(0.8V)
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=1.8V DC+0.5Vp-pAC
IOUT=30mA, CL=1uF (ceramics)
XC6401(2.85V)
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=3.85V DC+0.5Vp-pAC
IOUT=30mA, CL=1uF (ceramics)
XC6401(3.0V)
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=4.0V DC+0.5Vp-pAC
IOUT=30mA, CL=1uF (ceramics)
2.6
2.7
2.8
2.9
3.0
3.1
Time (40usec/div)
0
100
200
300
400
500
10m A
100m A
XC6401 (VR1:3.0V, VR2:2.85V)
VIN=4.0V, CIN= CL=1uF (ceramics)
VR1 Output Voltage (3.0V)
VR2 Output Voltage (2.85V)
VR1 Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com