Electronic Components Datasheet Search
  English  ▼

X  

XC6401 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6401
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6401 Datasheet HTML 1Page - Torex Semiconductor XC6401 Datasheet HTML 2Page - Torex Semiconductor XC6401 Datasheet HTML 3Page - Torex Semiconductor XC6401 Datasheet HTML 4Page - Torex Semiconductor XC6401 Datasheet HTML 5Page - Torex Semiconductor XC6401 Datasheet HTML 6Page - Torex Semiconductor XC6401 Datasheet HTML 7Page - Torex Semiconductor XC6401 Datasheet HTML 8Page - Torex Semiconductor XC6401 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
XC6401 Series
PIN NUMBER
SOT-26W
USP-6B/C
PIN NAME
FUNCTION
1
3
EN1
ON/OFF Control 1
2
2
VIN
Power Input
3
1
EN2
ON/OFF Control 2
4
6
VOUT2
Output 2
5
4
VSS
Ground
6
5
VOUT1
Output 1
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
E
: High Active with pull-down resistor
F
: High Active with no pull-down resistor
G
: Low Active with pull-up resistor
①
Regulator1,
EN type
H
: Low Active with no pull-up resistor
E
: High Active with pull-down resistor
F
: High Active with no pull-down resistor
G
: Low Active with pull-up resistor
②
Regulator2,
EN type
H
: Low Active with no pull-up resistor
③④
Output Voltage
01~
: Internally set sequential number relating output voltage of
each regulators
Regulator 1 Output Voltage Range: 0.8 ~ 5.0 V (50mV increments)
Regulator 2 Output Voltage Range: 0.8 ~ 5.0 V (50mV increments)
M
: SOT-26W
D
: USP-6B
⑤
Packaging Types
E
: USP-6C
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Selection Guide
●
Ordering Information
The following options for the Regulator 1, 2, the EN pin logic, internal pull-up / down are available.
XC6401①②③④⑤⑥
USP-6B / 6C
(BOTTOM VIEW)
SOT-26W
(TOP VIEW)
12
3
4
5
6
6
EN2
VIN
EN1
VSS
VOUT1
VOUT2
*The dissipation pad for the USP-6B/C packages
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to other pins, it
should be connected to the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com