Electronic Components Datasheet Search
  English  ▼

X  

BC808 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC808
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC808 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC808 Datasheet HTML 1Page - Diotec Semiconductor BC808 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC807 / BC808
BC807 / BC808
PNP
Surface Mount General Purpose Si-Epi-Planar Transistors
Si-Epi-Planar Universaltransistoren für die Oberflächenmontage
PNP
Version 2007-04-13
Dimensions - Maße [mm]
1 = B
2 = E
3 = C
Power dissipation – Verlustleistung
310 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BC807
BC808
Collector-Emitter-volt. – Kollektor-Emitter-Spannung E-B short
- VCES
50 V
30 V
Collector-Emitter-volt. – Kollektor-Emitter-Spannung B open
- VCEO
45 V
25 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
310 mW 1)
Collector current – Kollektorstrom (dc)
- IC
800 mA
Peak Collector current – Kollektor-Spitzenstrom
- ICM
1 A
Peak Emitter current – Emitter-Spitzenstrom
IEM
1 A
Peak Base current – Basis-Spitzenstrom
- IBM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- VCE = 1 V, - IC = 100 mA
Group -16
Group -25
Group -40
hFE
hFE
hFE
100
160
250
–
–
–
250
400
630
- VCE = 1 V, - IC = 500 mA
all groups
hFE
40
–
–
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 500 mA, - IB = 50 mA
- VCEsat
–
–
0.7 V
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
- IC = 500 mA, - IB = 50 mA
- VBEsat
–
–
1.3 V
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
Small Signal Transistors (PNP)
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
PNP Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808 DIOTEC-BC808 Datasheet
175Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com