Electronic Components Datasheet Search
  English  ▼

X  

451379AS09DXLL Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 451379AS09DXLL
Description  1379 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451379AS09DXLL Datasheet(HTML) 4 Page - Ashcroft, Inc.

  451379AS09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gauge
Size
Inches
Ring
O.D
"A"
DIA.
"B"
Size of 3
Screws
"C"
Size of
Washers
Spacer
41⁄2
6
[152]
55
⁄8
[148] #10-24 x 1
5
⁄8 7⁄16 x 17∕64 x 5⁄8
1
6
73
⁄4
[197]
73
⁄10
[185]
#1
⁄4 -20 x 1 17⁄94 x 1⁄2 x 1⁄16
113
⁄32
H
T
A
G
T
C
V
B
J
D
F
W
3-
L dia.holes
on
E dia. Bolt Circle
D
A
T
B
G
N
M
Hole in
panel
Nuts & washers
not suppliedby
Ashcroft
C
S
T
F
H
LL
K
3 Mounting studs
CC
threaded equally spaced
on
E dia. Bolt Circle
P
H
T
A
G
T
C
V
B
J
D
F
3-
L dia.holes
on
E dia. Bolt Circle
D
A
T
B
G
N
M
Hole in
panel
Nuts & washers
not suppliedby
Ashcroft
C
S
T
F
H
LL
K
3 Mounting studs
CC
threaded equally spaced
on
E dia. Bolt Circle
P
H
T
A
G
T
C
V
B
J
D
F
W
3-
L dia.holes
on
E dia. Bolt Circle
D
A
T
B
G
N
M
Hole in
panel
Nuts & washers
not suppliedby
Ashcroft
C
S
T
F
H
LL
K
3 Mounting studs
CC
threaded equally spaced
on
E dia. Bolt Circle
P
H
T
A
G
T
C
V
B
J
D
F
W
3-
L dia.holes
on
E dia. Bolt Circle
D
A
T
B
G
N
M
Hole in
panel
Nuts & washers
not suppliedby
Ashcroft
C
S
T
F
H
LL
K
3 Mounting studs
CC
threaded equally spaced
on
E dia. Bolt Circle
P
H
T
A
G
T
C
V
B
J
D
F
W
3-
L dia.holes
on
E dia. Bolt Circle
D
A
T
B
G
N
M
Hole in
panel
Nuts & washers
not suppliedby
Ashcroft
C
S
T
F
H
LL
K
3 Mounting studs
CC
threaded equally spaced
on
E dia. Bolt Circle
P
HOLE IN PANEL
(REAR VIEW)
SHOWING USE OF LEVEL
TO LINE UP SPACER POSTS
WASHER
SPACER POST
(3 REQ’D)
“B” (3 REQ’D)
“C”
PANEL
CASE
MOUNTING
RING
41⁄2˝ & 6˝ Lower Conn.
41⁄2˝ & 6˝ Back Conn.
81⁄2˝ Lower Conn.
81⁄2˝ Wall Conn.
81⁄2˝ Back Conn.
Type 1278M Series Flush Mounting Ring
Used to flush mount gauge case. Standard finish in black; optional
polished stainless steel finish is available.
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
Dial Size
Inches
A
B
C
CC
D
E
F
G
H
J
K
L
LL
M
N
P
S
T
V
Weight
(lbs)
41⁄2
513
⁄16
[148]
33
⁄8
[86]
47
⁄8
[124]
15
⁄8
[41]
53
⁄8
[137]
11
⁄2
[42]
315
⁄16
[100]
7
⁄8
[20]
11
⁄16
[27]
0.218
[6]
1
⁄8 - 1⁄2
[3] [13]
21
⁄8
[54]
5
⁄8
[16]
25
⁄8
[67]
2.5 (Dry)
3.5 (L.F.)
6
79
⁄16
[192]
31
⁄2
[89]
65
⁄8
[162]
15
⁄8
[41]
7
[178]
11
⁄2
[42]
41
⁄2
[114]
7
⁄8
[20]
11
⁄16
[27]
0.218
[6]
1
⁄8 - 1⁄2
[3] [13]
21
⁄8
[54]
5
⁄8
[16]
25
⁄8
[67]
3.0 (Dry)
4.0 (L.F.)
81
⁄2
101
⁄16
[256]
27
⁄8
[73]
43
⁄4
[121] #10-24
11
⁄16
[27]
95
⁄8
[244]
15
⁄8
[41]
6
[152]
13
⁄8
[35]
11
⁄16
[27]
1
⁄8 - 1⁄2
[3] [13]
9
[228]
3.19
[80.9]
11
⁄16
[17]
4.5 (Dry)
of 4
4
1379 Duragauge® Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1379_gauge_ds_RevL_09-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com