Electronic Components Datasheet Search
  English  ▼

X  

451379AS09DXLL Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 451379AS09DXLL
Description  1379 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451379AS09DXLL Datasheet(HTML) 1 Page - Ashcroft, Inc.

  451379AS09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451379AS09DXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
„
Wide selection of bourdon tube materials,
pressure connections and pressure ranges
„
PLUS!™ Performance dampens vibration,
shock and pulsation effects
„
Customizable dial printing options
TYPICAL USES
„
Refineries
„
Chemical and petrochemical plants
„
Offshore oil rigs
„
Water and wastewater pressure control
„
Pulp and water
„
Mining and metals
„
Equipment skids
„
Specialized OEM equipment
„
Cryogenics
SPECIFICATIONS
Accuracy:
±0.5% of span (ASME B40.100, Grade 2A)
Sizes:
41
⁄2˝, 6˝, 81⁄2˝
Range:
Vacuum to 100,000 psi
Process Connection
Location:
Lower, back
Process Connection
Size:
1
⁄4 NPT Male, 1⁄2 NPT Male, 9⁄16-18 UNF-2B
(high pressure connection)
Case Style:
Solid front with pressure relief back
Movement:
Rotary, adjustable
Movement Materials:
400 SS, Teflon™ coated pinion gear and segment
Window Material:
Glass (STD.), acrylic window (OPT.), shatterproof
glass (OPT.)
Dial:
Aluminum, white background, black pressure
scale
Pointer:
Micrometer adjustable, aluminum
Weather Protection:
Dry case: Case not sealed, recommend for
weather protected environment only
Liquid filled or field fillable: IP66 or NEMA 4X
Hermetically sealed: IP66
Dampening Options:
Liquid: glycerin, silicone, Halocarbon®,
PLUS!™ Performance
Mounting:
Stem, surface, flush
Approvals:
CE/UKCA, CRN
NON-WETTED COMPONENTS
Case
Ring
Back Cover
Aluminum
Polypropylene
Polycarbonate
KEY BENEFITS
•Uncompromised standards and material integrity
•Rugged aluminum case (black epoxy coated)
• Corrosion resistance in many environments
1379
41
⁄2˝, 6˝, 81⁄2˝ dial size
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
Dry
-20 °F to 200 °F
(-29 °C to 93 °C)
-20 °F to 250 °F
(-29 °C to 121 °C)
-40 °F to 250 °F
(-40 °C to 121 °C)
PLUS!™
-40 °F to 150 °F
(-40 °C to 66 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
Glycerin fill
20 °F to 150 °F
(-7 °C to 66 °C)
20 °F to 150 °F
(-7 °C to 66 °C)
0 °F to 150 °F
(-18 °C to 66 °C)
Silicone fill
-40 °F to 150 °F
(-40 °C to 66 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
Halocarbon®
fill
-40 °F to 150 °F
(-40 °C to 66 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
WETTED COMPONENTS
Bourdon Tube
Process Connection Materials
Joints
316L SS
316L SS
Welded
316L SS
Steel
Welded
K-Monel® 500 Tube
Monel® 400
Welded
C510 Phos. bronze
Brass
Silver brazed
Iconel®
316L SS (60-1379 only)
Welded
Note: Other than discoloration of the dial and hardening of the gasketing that may occur as ambient
or process temperatures exceeds 150 °F, non-liquid-filled gauges with standard glass windows, can
withstand continuous operating temperatures up to 250 °F (121 °C). Liquid-filled gauges can withstand
200 °F (93 °C) but glycerin fill and acrylic window will tend to yellow. Accuracy at temperatures above
or below the reference ambient temperature of 68 °F (20 °C) will be affected by approximately 0.4% per
25°F. Gauges with welded joints will withstand 750 °F (400 °C), 450 °F (232 °C) with silver brazed joints
for short times without rupture, although other parts of the gauge will be destroyed and calibration will be
lost. For continuous use and for process or ambient temperatures above 250 °F (121 °C), a diaphragm
seal or capillary or siphon is recommended.
TM
of 4
1
1379 Duragauge® Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1379_gauge_ds_RevL_09-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us


Similar Part No. - 451379AS09DXLL

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
451377AS02BX5G ASHCROFT-451377AS02BX5G Datasheet
941Kb / 5P
1377 Duragauge® Pressure Gauge
RevI_02-09-23
451377AS02BX6B ASHCROFT-451377AS02BX6B Datasheet
941Kb / 5P
1377 Duragauge® Pressure Gauge
RevI_02-09-23
451377AS02BXLL ASHCROFT-451377AS02BXLL Datasheet
941Kb / 5P
1377 Duragauge® Pressure Gauge
RevI_02-09-23
451377AS02BXNH ASHCROFT-451377AS02BXNH Datasheet
941Kb / 5P
1377 Duragauge® Pressure Gauge
RevI_02-09-23
451377AS02BXNZ ASHCROFT-451377AS02BXNZ Datasheet
941Kb / 5P
1377 Duragauge® Pressure Gauge
RevI_02-09-23
More results

Similar Description - 451379AS09DXLL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com