Electronic Components Datasheet Search
  English  ▼

X  

451379ASL09DXLL Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 451379ASL09DXLL
Description  1379 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451379ASL09DXLL Datasheet(HTML) 3 Page - Ashcroft, Inc.

  451379ASL09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TABLE 1
TABLE 1 (Odering Codes Continued)
(Odering Codes Continued)
CODE
OPTION
AB
AB
Gauges calibrated to compensate for absolute
Gauges calibrated to compensate for absolute
pressure (n/a on vacuum ranges)
pressure (n/a on vacuum ranges)
DA
DA
Dial marking (text marking on the dial)
Dial marking (text marking on the dial)
EP
EP
Maximum pointer (adjustable, N/A with liquid
Maximum pointer (adjustable, N/A with liquid
filled or hermetically sealed cases)
filled or hermetically sealed cases)
HY
HY
Hydrostatic/pneumatic testing (system
Hydrostatic/pneumatic testing (system
pressurized to 150% of rated system pressure
pressurized to 150% of rated system pressure
for 5 minutes. Overload stop STD.)
for 5 minutes. Overload stop STD.)
NG
NG
Non-glare glass (N/A with liquid fill or
Non-glare glass (N/A with liquid fill or
hermetically sealed cases)
hermetically sealed cases)
OS
OS
Overload stop
Overload stop
PD
PD
Acrylic window (STD. with liquid filled or
Acrylic window (STD. with liquid filled or
hermetically sealed cases)
hermetically sealed cases)
SH
SH
Red set hand, stationary
Red set hand, stationary
SG
SG
Safety glass
Safety glass
TS
TS
Throttle screw (STD. with liquid filled,
Throttle screw (STD. with liquid filled,
hermetically sealed or
hermetically sealed or
PLUS!
PLUS!™™ Performance)
Performance)
VS
VS
Underload stop
Underload stop
C4
C4
Traceable calibration certificate
Traceable calibration certificate
56
56
Flush mounting ring
Flush mounting ring
BF
BF
Surface mounting bracket (8 1/2˝ size only)
D3
D3
DuraVis™ retroreflective dial (4½˝ size only)
TM
TM
2˝ pipe mounting bracket (4½˝ dial size only)
STANDARD PRESSURE RANGES
psi
bar
kPa
mPa
kg/cm2
30IMV
N1BR
N100KP
N1MP
N1KG
–
N1/0.6BR
N100/60KP
0.1/0.06MP
N1/0.6KG
V/15#
–
–
–
–
–
N1/1.5BR
N100/150KP
N0.1/0.15MP
N1/1.5KG
V/30#
–
–
–
–
–
N1/3BR
N100/300KP
N0.1/0.3MP
N1/3KG
V/60#
–
–
–
–
–
N1/5BR
N100/500KP
N0.1/.5MP
N1/5KG
V/100#
–
–
–
–
–
N1/9BR
N100/900KP
N0.1/.9MP
N1/9KG
15#
1BR
100KP
0.1MP
1KG
20#
–
–
–
–
–
1.6BR
160KP
0.16MP
1.6KG
30#
–
–
–
–
–
2.5BR
250KP
0.25MP
2.5KG
60#
4BR
400KP
0.4MP
4KG
–
6BR
600KP
0.6MP
6KG
100#
–
–
–
–
120#
–
–
–
–
–
10BR
1000KP
1MP
10KG
160#
–
–
–
–
200#
–
–
–
–
–
16BR
1600KP
1.6MP
16KG
300#
–
–
–
–
–
25BR
2500KP
2.5MP
25KG
400#
–
–
–
–
500#
–
–
–
–
600#
40BR
4000KP
4MP
40KG
800#
–
–
–
–
–
60BR
6000KP
6MP
60KG
1000#
–
–
–
–
1500#
100BR
10000KP
10MP
100KG
2000#
–
–
–
–
–
160BR
16000KP
16MP
160KG
3000#
–
–
–
–
–
250BR
25000KP
25MP
250KG
4000#
–
–
–
–
5000#
–
–
–
–
6000#
400BR
40000KP
40MP
400KG
8000#
–
–
–
–
–
600BR
60000KP
60MP
600KG
10000#
–
–
–
–
15000#
1000BR
100000KP
100MP
1000KG
20000#
-
-
-
-
-
1600BR
-
160MP
1600KG
30000#
-
-
-
-
2500BR
-
250MP
2500KG
50000#
-
-
-
-
4000BR
-
400MP
4000KG
80000#
-
-
-
-
6000BR
-
600MP
6000KG
100000#
-
-
-
-
of 4
3
1379 Duragauge® Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1379_gauge_ds_RevL_09-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com