Electronic Components Datasheet Search
  English  ▼

X  

451379ASL09DXLL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 451379ASL09DXLL
Description  1379 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451379ASL09DXLL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  451379ASL09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451379ASL09DXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING CODE
Example:
451379
S
SH
04
L
XLL
15#
Dial Size/Model Code
451379 - 41⁄2˝ aluminum case, solid front
451379
601379 - 6˝ aluminum case, solid front
851379 - 81⁄2˝ aluminum case, solid front
System (tube and process connection)
A - Bronze tube, brass process connection, max. pressure connection 1,000 psi
P - K-Monel® 500 tube, Monel® 400 process connection, max. pressure 30,000 psi
R - 316L SS tube, steel process connection, max. pressure 20,000 psi (n/a 6˝ or 8 1/2˝ size)
S - 316 SS tube, 316L SS process connection, max. pressure 20,000 psi
S
WW - Inconel® 718 tube, Inconel 718 process connection (50,000 to 100,00 psi ranges)
Case Design
S - Solid front case, dry
SH - Solid front case, dry, sealed, hermetically sealed (n/a 8 ½˝ size)
SH
SL - Solid front case, liquid filled (glycerin std., n/a 8 ½˝ size)
Process Connection Sizes
02 - 1⁄4 NPT Male, N/A for ranges over 20,000 psi
04
04 - 1⁄2 NPT Male, N/A for ranges over 20,000 psi
09 - 9⁄16 18 UNF-2B, high pressure fitting, standard for pressures over 20,000 psi
Process Connection Location
L - Lower
L
B - Back
D - Side (3 o’clock)
E - Side connection (9 o’clock)
T - Top connection
Options (If choosing an option(s) must include a “X”) (See table 1 on page 3 for more options)
X__
LL -
PLUS!™ Performance
LL
ND -
PLUS!™ Performance, silicone free (glycerin and silicone filled gauges)
NZ -
PLUS!™ Performance silicone free (dry gauge)
GV - Silicone case fill
GX - Halocarbon® case fill
6B - Cleaned for gaseous oxygen service
NH - Stainless steel tag wired to case
5G - Attach one accessory to gauge. Applicable to PL02 pressure limiting valve, V01,V02,V03 valves,
1098, 1100, 1198, 2198 siphons, 7001, 7004 needle valves, 1115 capillary, 1106 pulsation dampner,
1112, PD02 pressure snubbers, MDV swivel adapter, 2265 electric warning contact
Range (coding examples only, see range table on page 3 for all standard ranges)
Single Scales
15# - 15 psi
15#
1BR - 1 bar
1KSC - 1 kilograms per sq. cm
100KP - 100 kilopascal
Dual Scales
15#/BR - 15 psi inner scale, 1 bar outer scale
1BR/# - 1 bar inner scale, 15 psi outer scale
When selecting a diaphragm seal or isolation ring, refer to the Min/Max Guide for compatibility with this gauge or scan the QR code to the right.
of 4
2
1379 Duragauge® Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1379_gauge_ds_RevL_09-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com