Electronic Components Datasheet Search
  English  ▼

X  

405EXR Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # 405EXR
Description  Embedded Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EXR Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  405EXR Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EXR Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PowerPC 405EXr
SPECIFIC AT IONS
215 Moffett Park Drive
Sunnyvale, CA 94089
P +1 408 542 8600
F +1 408 542 8601
www.amcc.com
For technical support, please call 1-800-840-6055 or 858-535-6517, or email support @amcc.com.
AMCC reserves the right to make changes to its products, its datasheets, or related documentation, without notice and warrants its products solely pursuant to its terms and
conditions of sale, only to substantially comply with the latest available datasheet. Please consult AMCC’s Term and Conditions of Sale for its warranties and other terms, conditions
and limitations. AMCC may discontinue any semiconductor product or service without notice, and advises its customers to obtain the latest version of relevant information to verify,
before placing orders, that the information is current. AMCC does not assume any liability arising out of the application or use of any product or circuit described herein, neither does
it convey any license under its patent rights nor the rights of others. AMCC reserves the right to ship devices of higher grade in place of those of lower grade.
AMCC SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR
OTHER CRITICAL APPLICATIONS.
AMCC is a registered trademark of Applied Micro Circuits Corporation. PowerPC and the PowerPC logo are registered trademarks of IBM Corporation. All other trademarks are the
property of their respective holders. Copyright © 2007 Applied Micro Circuits Corporation. All Rights Reserved.
POWERPC405EXr_PB_v1.00_06_05_2007
Dual Bus Architecture
The 405EXr features two on-chip buses: a processor local bus (PLB) as
well as an on-chip peripheral bus (OPB). High speed peripheral, such as
PCI Express, DDR2 and the Security Engine connect directly to the 128-
bit, PLB4 bus up to 200MHz. Less demanding devices are connected to
the 32-bit OPB Bus up to 100MHz. An external peripheral controller
supports the NAND and NOR flash memory as well as slave peripheral
devices.
PowerPC Partners Ecosystem
AMCC's embedded PowerPC processors are supported by an extensive
ecosystem of products and services from a wide range of leading
suppliers. AMCC's PowerPC Partners program includes industry-
standard providers of:
• Embedded operating systems
• Hardware and software development tools
• Embedded software products and services
• Board-level products
• System design services
• Technical training.
For full details of the products and services available through the
PowerPC Partners program, or to browse support available for a specific
processor, visit http://www.amcc.com/Embedded/Partners
AMCC also provides an evaluation kit for this PowerPC processor,
including an optimized evaluation board, sample applications, and
other software.
Features
• Processor Speed (frequency): From 333 to 533MHz
• Performance: 1.52 DMIPs/MHz (810 DMIPS @ 533 MHz peak)
• Single 1-lane PCI Express port
• Supports up to 2 GBytes of DDR 1/2 DRAM
• High performance Security Engine (optional) supports IPSec, SSL,
DTLS and SRTP
• DMA Controller with four independent channels
• One 10/100/1000 Ethernet MAC with MAL DMA support
• 8/16/32-bit External Peripheral Bus Controller
• External Bus Master Interface (EBMI)
• 2 UARTs (one with full hardware modem flow control)
• 32 GPIOs
• NAND Flash Controller
• Universal Interrupt Controller: 10 external interrupts
• On-the-Go USB 2.0 port
• JTAG and realtime trace support in processor core
• RoHS compliant (lead-free) version available
For more information, please visit http://www.amcc.com.
Specifications
Technology
90nm CMOS Process
Performance (estimated)
• 506 Dhrystone 2.1 MIPS @ 333 MHz
• 810 Dhrystone 2.1 MIPS @ 533MHz
Frequency
• CPU: 533 MHz Maximum
• PLB: 200 MHz Maximum
• OPB: 100 MHz Maximum
• External Bus: 100 MHz Maximum
Power Dissipation
•1.5W typical
Case Temperature Range
• -40°C to + 85°C
Power Supply
• 1.2V (internal logic), 1.8V (DDR2), 2.5V (DDR1, Ethernet), 3.3V (1/0)
Packaging
• 388-pin E-PBGA 27mm
× 27mm (with 1mm ball pitch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com