Electronic Components Datasheet Search
  English  ▼

X  

405EXR Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # 405EXR
Description  Embedded Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EXR Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  405EXR Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EXR Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
The PPC405EXr offers the performance of the market
leading PPC405 processor together with a high
performance suite of peripheral and memory interfaces, including PCI
Express, USB2.0 On-the-Go, DDR 2/1 and Gigabit Ethernet. The PPC405EXr also incorporates an advanced
security engine, featuring header/trailer processing capability and support for the broadest range of security
protocols, including IPSec, SSL, and DTLS. The PPC405EXr delivers exceptional performance and is ideally suited
for cost sensitive next generation Residential Gateway and IP-STB applications.
The PowerPC 405 Core
The PowerPC 405 core has been optimized for
system on a chip designs requiring solid
performance, low cost, and low power
consumption. Performance is enhanced through
the use of separate instruction and data cache
units. A 5-stage pipeline further boosts
performance by offering single cycle execution of
most instructions, including loads and stores.
Security
The PPC405EXr integrates the advanced EIP-94
security engine from SafeNet. This security engine
attaches directly to the PLB4 bus for the fastest
possible throughput between the PPC405
processor, memory, and the security engine itself.
The engine supports DES, 3DES, AES, and ARC-4
encryption, MD-5, SHA-1 and SHA-256 hashing. The
packet engine includes a pseudo random number
generator. The header/trailer protocol processor
eliminates any need for security protocol
processing by the PPC405 processor, freeing it to
handle application-based operations, while
improving overall security performance. The
engine incorporates an on-chip true random
number generator and a public key accelerator. The
algorithms are compliant with FIPS-140-2 and ANSI
X9.17 Annex C.
DDR Memory Support
To ensure design flexibility, both DDR1 and DDR2
memory are supported at a maximum data rate of
400Mbps for DDR2.
Ethernet Interface MAC
To ensure that the system level throughput to the
wired infrastructure can keep pace with the much
faster 802.11n data rates, the PowerPC405EXr is
equipped with a single gigabit Ethernet MAC that
is compliant with ANSI/IEEE std. 802.3 and IEEE
802.3u supplement. The gigabit MAC is compliant
with IEEE standard 802.3z. (Gigabit Ethernet), and
supports both half Duplex and Full Duplex
operations, as well as Wake On LAN support. In
addition, it supports 9KB Jumbo frames, GMII, MII,
and RGMII interfaces.
USB2.0 On-the-Go
Able to support either device or host modes, with
data rates of up to 480Mbps.
External Bus Controller (EBC)
EBC operates at up to 100MHz. It provides 8-, 16- or
32-bit data bus, 27-bit address bus, 4 chip selects,
and bus arbitration for ample space and flexibility
for large amounts of RAM, nonvolatile memory, and
external peripherals/ASICs. Both simple and multi-
master configuration systems can be built.
Standard Peripherals
The
PowerPC405EXr offers an array of standard on-
chip peripherals. Two UARTs (one with full
hardware modem flow control), watchdog timer,
and a 4-channel DMA controller capable of
transferring data to/from any PLB and OPB slave,
and external bus.
Development Tools Support
PowerPC embedded processors are supported by
AMCC and 100+ third-party vendors through the
PowerPC Embedded Tools program. This program
provides compilers, debuggers, real-time operating
systems, emulators, and a full range of tools to help
manufacturers develop products more quickly. A
PowerPC
405EXr evaluation board kit is available to
help expedite product evaluation and project
development.
PCI Express
To be ready for the next generation of 802.11n
wireless access devices, the 405EXr features a
1-lane PCI Express port. With greater bandwidth,
PCI Express is the preferred choice for high
throughput WLAN access Points, Gateways and IP
Set Top Boxes. The PCI Express port can support 2.5
Gb/s per lane (2Gb/s data due to 8b/10b coding).
Benefits
• Superior Price/Performance for Cost
Sensitive Wireless Access Applications
• Delivers 333 MHz to 533MHz
performance (506 to 810 DMIPs)
• Single 1-lane PCI Express port
• Supports up to 2 GBytes of DDR 2/1
DRAM
• High performance Security Engine
(optional) supports IPSec, SSL, DTLS
and SRTP
• One 10/100/1000 Ethernet MAC
• On-the-Go USB 2.0 port
• 8/16/32-bit External Peripheral Bus
Controller
• Two UARTs (UART0 with full hardware
modem flow control),
• 32 General Purpose I/Os
• Low power dissipation, small form
factor for high-density, power-
conscious applications
PowerPC 405EXr
Embedded Processor


Similar Part No. - 405EXR

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
More results

Similar Description - 405EXR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535 Datasheet
1Mb / 44P
Blackfin Embedded Processor
9/04-Data Sheet Changed from REV. 0 to REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
Embedded Processor
REV. B
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
Embedded Processor
Jun-2007
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
Embedded Processor
REV. C
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
Embedded Processor
Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com