Electronic Components Datasheet Search
  English  ▼

X  

TIL925 Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL925
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL925 Datasheet(HTML) 2 Page - Texas Instruments

  TIL925 Datasheet HTML 1Page - Texas Instruments TIL925 Datasheet HTML 2Page - Texas Instruments TIL925 Datasheet HTML 3Page - Texas Instruments TIL925 Datasheet HTML 4Page - Texas Instruments TIL925 Datasheet HTML 5Page - Texas Instruments TIL925 Datasheet HTML 6Page - Texas Instruments TIL925 Datasheet HTML 7Page - Texas Instruments TIL925 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIL923, TIL924, TIL925
TIL923A, TIL924A, TIL925A
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
SOOS031 – OCTOBER 1991
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic diagrams
K
A
2E
2C
1E
1C
E
C
3
4
TIL925
TIL924
TIL923
4E
4C
3E
3C
5
6
7
8
1
2
4A
4K
3K
3A
8
7
6
5
9
10
11
12
13
14
15
16
1E
1C
2C
2E
1
2
3
4
1A
1K
2K
2A
2A
2K
1K
1A
4
3
2
1
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)
Input-to-output voltage (see Note 1)
±7.5 kV peak or dc (±5.3 kV rms)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-emitter voltage (see Note 2)
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter-collector voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode reverse voltage
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode continuous forward current at (or below) 25
°C free-air temperature (see Note 3)
50 mA
. . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature:
Phototransistor (see Note 4)
150 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode plus phototransistor per channel (see Note 5)
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
– 55
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. This rating applies for sine-wave operation at 50 or 60 Hz. Service capability is verified by testing in accordance with UL
requirements.
2. This value applies when the base-emitter diode is open circuited.
3. Derate linearly to 100
°C free-air temperature at the rate of 0.67 mA/°C.
4. Derate linearly to 100
°C free-air temperature at the rate of 2 mW/°C.
5. Derate linearly to 100
°C free-air temperature at the rate of 2.67 mW/°C.
electrical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO Collector-emitter breakdown voltage
IC = 0.5 mA,
IF = 0
35
V
V(BR)ECO Emitter-collector breakdown voltage
IC = 100 µA,
IF = 0
7
V
IR
Input diode static reverse current
VR = 5 V
10
µA
IC(off)
Off-state collector current
VCE = 10 V,
IF = 0
100
nA
CTR
Current
TIL923, TIL924, TIL925
IF =2mA
VCE =1V
500%
CTR
transfer ratio
TIL923A, TIL924A, TIL925A
IF = 2 mA,
VCE = 1 V
1000%
VF
Input diode static forward voltage
IF = 20 mA
1.4
V
VCE(sat)
Collector-emitter saturation voltage
IF = 10 mA,
IC = 50 mA
1
V
Cio
Input-to-output capacitance
Vin-out = 0,
f = 1 MHz,
See Note 6
1
pF
rio
Input-to-output internal resistance
Vin-out = ±1 kV, See Note 6
1011
Ω
NOTE 6. These parameters are measured between all input-diode leads shorted together and all phototransistor leads shorted together.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com