Electronic Components Datasheet Search
  English  ▼

X  

TIL925 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL925
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL925 Datasheet(HTML) 3 Page - Texas Instruments

  TIL925 Datasheet HTML 1Page - Texas Instruments TIL925 Datasheet HTML 2Page - Texas Instruments TIL925 Datasheet HTML 3Page - Texas Instruments TIL925 Datasheet HTML 4Page - Texas Instruments TIL925 Datasheet HTML 5Page - Texas Instruments TIL925 Datasheet HTML 6Page - Texas Instruments TIL925 Datasheet HTML 7Page - Texas Instruments TIL925 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIL923, TIL924, TIL925
TIL923A, TIL924A, TIL925A
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
SOOS031 – OCTOBER 1991
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics at 25
°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VCC =10V
IC( ) =10mA
RL = 100 Ω
See Figure 1
100
µs
tf
Fall time
VCC = 10 V, IC(on) = 10 mA, RL = 100 Ω, See Figure 1
100
µs
PARAMETER MEASUREMENT INFORMATION
RL = 100 Ω
47
Ω
+
–
90%
10%
Output
Input
tf
tr
0
0
90%
10%
TEST CIRCUIT
VOLTAGE WAVEFORMS
Adjust amplitude of input pulse
for IC(on) = 10 mA
Input
(see Note A)
Output
(see Note B)
VCC = 10 V
NOTES: A. The input waveform is supplied by a generator with the following characteristics: Zo = 50 Ω, tr ≤ 15 ns, duty cycle = 1%, tw = 500 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr ≤ 12 ns, Rin ≥ 1 MΩ, Cin ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com