Electronic Components Datasheet Search
  English  ▼

X  

405GPR Datasheet(PDF) 15 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 11Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 12Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 13Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 14Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 15Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 16Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 17Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 18Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
15
Revision 2.04 – September 7, 2007
Data Sheet
35mm, 456-Ball E-PBGA Package
A
M
1.27
0.75
± 0.15 SOLDERBALL x 456
26
AF
35.0
31.75
35.0
B
A
C
0.20
∅ 0.30
∅ 0.15
C A B
30.0 Typ
Gold Gate Release
Corresponds to
0.20
C
C
0.6
±0.1
PCB
Substrate
Mold
Compound
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
AC
AD
AE
Thermal Balls
A1 Ball Location
13 5
7
911 13 15 17 19
2
4
6 810 12 14 16 18
21 23 25
20 22 24
Top View
Bottom View
0.25
0.35 C
C
Notes: 1. All dimensions are in mm.
2.65 max
M
2. This package is available in leaded or lead-free configurations.
Logo View
®
Part Number
1YWWBZZZZZ
Lot Number
PPC405GPr
CCCCCCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com