Electronic Components Datasheet Search
  English  ▼

X  

405GPR Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 5Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 6Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 7Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 8Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 9Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 10Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 11Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 12Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
9
Revision 2.04 – September 7, 2007
Data Sheet
On-Chip Memory (OCM)
The OCM feature comprises a memory controller and a one-port 4KB static RAM (SRAM) accessed by the
processor core.
Features include:
• Low-latency access to critical instructions and data
• Performance identical to cache hits without misses
• Contents change only under program control
PLB to PCI Interface
The PLB to PCI interface core provides a mechanism for connecting PCI devices to the local PowerPC processor
and local memory. This interface is compliant with version 2.2 of the PCI Specification.
Features include:
• Internal PCI bus arbiter for up to six external devices at PCI bus speeds up to 66MHz. Internal arbiter use is
optional and can be disabled for systems which employ an external arbiter.
• PCI bus frequency up to 66MHz
- Synchronous operation at 1/n fractions of PLB speed (n = 1 to 4) to 33MHz maximum
- Asynchronous operation from 1/8 PLB frequency to 66MHz maximum
• 32-bit PCI address/data bus
• Power Management:
- PCI Bus Power Management v1.1 compliant
• Supports 1:1, 2:1, 3:1, 4:1 clock ratios from PLB to PCI
• Buffering between PLB and PCI:
- PCI target 64-byte write post buffer
- PCI target 96-byte read prefetch buffer
- PLB slave 32-byte write post buffer
- PLB slave 64-byte read prefetch buffer
• Error tracking/status
• Supports PCI target side configuration
• Supports processor access to all PCI address spaces:
- Single-byte PCI I/O reads and writes
- PCI memory single-beat and prefetch-burst reads and single-beat writes
- Single-byte PCI configuration reads and writes (type 0 and type 1)
- PCI interrupt acknowledge
- PCI special cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com