Electronic Components Datasheet Search
  English  ▼

X  

F25L008A Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L008A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25L008A Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ESMT
F25L008A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.4
21/31
Read-Electronic-Signature (RES)
The RES instruction can be used to read the 8-bit Electronic Signature of the device on the SO pin. The RES instruction can provide
access to the Electronic Signature of the device (except while an Erase, Program or WRSR cycle is in progress), Any ERS instruction
executed while an Erase, Program or WRSR cycle is in progress is no decoded, and has no effect on the cycle in progress.
Figure 12 : Read-Electronic-Signature (RES)
CE
SCK
SI
01
23
4
56
78
9
Bit7
MSB
MSB
HIGH IMPENANCE
SO
AB
MODE3
MODE1
10
11
12
13
14
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Status
Register Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com