Electronic Components Datasheet Search
  English  ▼

X  

MCS7840 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 12Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 13Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 14Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 15Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 16Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 17Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 18Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 19Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 16
Rev.
1.2
Modem Control Register (MCR):
This register controls the UART’s flow control and self diagnostic features.
Register:
MCR
Description:
Modem Control Register
Offset:
4
Permissions:
Read/Write
Access Condition:
Default Value:
0x00
550 Mode
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
DTR-DSR/DCD
Flow Control
CTS/RTS
Flow
Control
Internal
Loop Back
Enable
Reserved
Reserved
RTS
DTR
Bit
Description
Operation
0
DTR
Logic 0: Forces DTR# output to inactive (high)
Logic 1: Forces DTR# output to active (low)
1RTS
Logic 0: Forces RTS# output to inactive (high)
Logic 1: Forces RTS# output to active (low)
2
Reserved
Reserved
3
Reserved
Reserved
4
Loop-Back
Mode
Logic 0: Normal operating mode
Logic 1: Enable local Loop-Back Mode
5
CTS/RTS
Flow Control
Logic 0: CTS/RTS flow control disabled in 550 mode
Logic 1: CTS/RTS flow control enabled in 550 mode
6
DTR/DSR
Flow Control
Logic 0: DTR/DSR flow control disabled in 550 mode
Logic 1: DTR/DSR flow control enabled in 550 mode
7
DCD
Flow Control
Logic 0: DCD flow control disabled in 550 mode
Logic 1: DCD flow control enabled in 550 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com