Electronic Components Datasheet Search
  English  ▼

X  

MCS7840 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 30Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 31Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 32Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 33Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 34Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 35Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 36Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 37Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 34
Rev.
1.2
Serial Port (2, 3, & 4) – Device Configuration Register 0
The Configuration Registers for these three Serial Ports are all identical.
They are very similar to Serial Port 1, but have a few less configuration options.
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Reserved
IrDA_
Mode
RTS_
CM
Reserved
Reserved
RS_
SDM
DCR0
Bit
Name
Definition
Default
Value
0
RS_
SDM
RS-232 / RS-422 / RS-485
Transceiver Shut-Down Mode:
0:
Do not shut down the transceiver
Even when USB SUSPEND is engaged
1:
Shut down the transceiver
when USB SUSPEND is engaged
1
1
Reserved
Reserved
0
[3:2]
Reserved
Reserved
00
[5:4]
RTS_
CM
RTSM RTS Control Method:
00:
RTS is controlled by Control Bit Map.
Signal is active low;
01:
RTS is controlled by Control Bit Map.
Signal is active high;
10:
Drive RTS active
when Downstream Data Buffer is NOT EMPTY;
Otherwise Drive RTS inactive.
11:
Drive RTS inactive
when Downstream Data Buffer is NOT EMPTY;
Otherwise Drive RTS active.
00
6
IrDA_
Mode
0:
RS-232 / RS-422 / RS-485 Serial Port Mode.
1:
IrDA Mode.
0
7
Reserved
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com