Electronic Components Datasheet Search
  English  ▼

X  

CAT4201 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT4201
Description  350mA High Efficiency Step Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4201 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT4201 Datasheet HTML 7Page - Catalyst Semiconductor CAT4201 Datasheet HTML 8Page - Catalyst Semiconductor CAT4201 Datasheet HTML 9Page - Catalyst Semiconductor CAT4201 Datasheet HTML 10Page - Catalyst Semiconductor CAT4201 Datasheet HTML 11Page - Catalyst Semiconductor CAT4201 Datasheet HTML 12Page - Catalyst Semiconductor CAT4201 Datasheet HTML 13Page - Catalyst Semiconductor CAT4201 Datasheet HTML 14Page - Catalyst Semiconductor CAT4201 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CAT4201
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-5025 Rev. D
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWING
TSOT-23 5-Lead (TD)
1F
(1)(2)
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L
L2
SYMBOL
MIN
NOM
MAX
A1.00
A1
0.01
0.05
0.10
A2
0.80
0.87
0.90
b0.30
0.45
c
0.12
0.15
0.20
D2.90 BSC
E2.80 BSC
E1
1.60 BSC
e0.95 TYP
L
0.30
0.40
0.50
L1
0.60 REF
L2
0.25 BSC
θ
0º
8º
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-193.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com