Electronic Components Datasheet Search
  English  ▼

X  

CAT4201 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT4201
Description  350mA High Efficiency Step Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4201 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT4201 Datasheet HTML 1Page - Catalyst Semiconductor CAT4201 Datasheet HTML 2Page - Catalyst Semiconductor CAT4201 Datasheet HTML 3Page - Catalyst Semiconductor CAT4201 Datasheet HTML 4Page - Catalyst Semiconductor CAT4201 Datasheet HTML 5Page - Catalyst Semiconductor CAT4201 Datasheet HTML 6Page - Catalyst Semiconductor CAT4201 Datasheet HTML 7Page - Catalyst Semiconductor CAT4201 Datasheet HTML 8Page - Catalyst Semiconductor CAT4201 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT4201
Doc. No. MD-5025 Rev. D
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Absolute Maximum Ratings
0F
(1)
Parameters
Ratings
Units
VBAT, SW, CTRL
-0.3 to +40
V
RSET
-0.3 to +5
V
Switch SW peak current
1
A
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Temperature
300
°C
Recommended Operating Conditions
Parameters
Ratings
Units
VBAT voltage (2) (3)
6.5 to 36
(2)
V
SW voltage
0 to 36
V
Ambient Temperature Range
-40 to +125
°C
LED Current
50 to 350
mA
Switching Frequency
50 to 1000
kHz
ELECTRICAL CHARACTERISTICS
VIN = 13V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Operating Supply Current on
VBAT pin
0.4
1
mA
ISD
Idle Mode Supply Current on
VBAT pin
CTRL = GND
90
µA
VFB
RSET Pin Voltage
2 LEDs with ILED= 300mA
1.15
1.2
1.25
V
ILED
Programmed LED Current
R1 = 33kΩ
R1 = 10kΩ
R1 = 8.25kΩ
270
100
300
350
330
mA
VCTRL-FULL
CTRL Voltage for 100%
Brightness
2.6
3.1
V
VCTRL-EN
CTRL Voltage to Enable
LEDs
LED enable voltage threshold
0.9
1.2
V
VCTRL-SD
CTRL Voltage to Shutdown
LEDs
LED disable voltage threshold
0.4
0.9
V
ICTRL
CTRL pin input bias
VCTRL = 3V
VCTRL = 12V
40
200
80
µA
RSW
Switch “On” Resistance
ISW = 300mA
0.9
1.5
Ω
TSD
Thermal Shutdown
150
ºC
THYST
Thermal Hysteresis
20
ºC
η
Efficiency
Typical Application Circuit
86
%
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The VBAT pin voltage should be at least 3V greater than the total sum of the LED forward voltages in order to operate at nominal LED
current.
(3) During power-up, the slew rate of the input supply should be greater than 1µs for every 5V increase of VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com