Electronic Components Datasheet Search
  English  ▼

X  

DS75LXST Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS75LXST
Description  Digital Thermometer and Thermostat with Extended Addressing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LXST Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS75LXST Datasheet HTML 1Page - Maxim Integrated Products DS75LXST Datasheet HTML 2Page - Maxim Integrated Products DS75LXST Datasheet HTML 3Page - Maxim Integrated Products DS75LXST Datasheet HTML 4Page - Maxim Integrated Products DS75LXST Datasheet HTML 5Page - Maxim Integrated Products DS75LXST Datasheet HTML 6Page - Maxim Integrated Products DS75LXST Datasheet HTML 7Page - Maxim Integrated Products DS75LXST Datasheet HTML 8Page - Maxim Integrated Products DS75LXST Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS75LX: Digital Thermometer and Thermostat with Extended Addressing
3 of 13
SCL Frequency
fSCL
400
kHz
AC ELECTRICAL CHARACTERISTICS (continued)
(1.7V
≤ V
DD ≤ 3.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bus Free Time Between
a STOP and START
Condition
tBUF
(Note 7)
1.3
µs
START and Repeated
START Hold Time from
Falling SCL
tHD:STA
(Notes 7, 8)
600
ns
Low Period of SCL
tLOW
(Note 7)
1.3
µs
High Period of SCL
tHIGH
(Note 7)
0.6
µs
Repeated START
Condition Setup Time to
Rising SCL
tSU:STA
(Note 7)
600
ns
Data-Out Hold Time from
Falling SCL
tHD:DAT
(Notes 7, 9)
0
0.9
µs
Data-In Setup Time to
Rising SCL
tSU:DAT
(Note 7)
100
ns
Rise Time of SDA and
SCL (Receive)
tR
(Notes 7, 10)
20 +
0.1CB
B
300
ns
Fall Time of SDA and
SCL (Receive)
tF
(Notes 7, 10)
20 +
0.1CB
B
300
ns
Spike Suppression
Filter Time (Deglitch
Filter)
tSS
0
50
ns
STOP Setup Time to
Rising SCL
tSU:STO
(Note 7)
600
ns
Capacitive Load for Each
Bus Line
CB
B
400
pF
Input Capacitance
CI
5
pF
Serial Interface Reset
Time
tTIMEOUT
SDA time low
(Notes 11, 12)
75
325
ms
Note 1:
VDD must be decoupled with a high-quality 0.1µF bypass capacitor. X5R or X7R ceramic surface-mount capacitors are
recommended.
Note 2:
Internal heating caused by O.S. loading causes the DS75LX to read approximately 0.5
°C higher if O.S. is sinking the max
rated current.
Note 3:
All voltages are referenced to ground.
Note 4:
IDD specified with O.S. pin open and A0–A2 pins grounded.
Note 5:
IDD and address leakage specified with VDD at 3.0V and SDA, SCL = 3.0V at 0°C to +70°C.
Note 6:
Address pins A0, A1, A2 are directly connected to VDD, VSS, or floating with less than 50pF capacitive load.
Note 7:
See the timing diagram (Figure 1). All timing is referenced to 0.9 x VDD and 0.1 x VDD.
Note 8:
After this period, the first clock pulse is generated.
Note 9:
The DS75LX provides an internal hold time of at least 75ns on the SDA signal to bridge the undefined region of SCL's falling
edge.
Note 10:
For example, if CB = 300pF, then tR[min] = tF[min] = 50ns.
Note 11:
This timeout applies only when the DS75LX is holding SDA low. Other devices can hold SDA low indefinitely and the DS75LX
will not reset.
Note 12:
The DS75LX is available with timeout feature disabled upon special order. Contact Factory.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SDA
Data Input/Output for 2-Wire Serial Communication Port (Open Drain)
2
SCL
Clock Input for 2-Wire Serial Communication Port
3
O.S.
Thermostat Output Open Drain
4
GND
Ground
5
A2
Address Input
6
A1
Address Input
7
A0
Address Input
8
VDD
Supply Voltage. +1.7V to +3.7V supply pin. VDD must have an external bypass
capacitor to GND. 0.1µF X5R or X7R ceramic SMT caps recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com