Electronic Components Datasheet Search
  English  ▼

X  

DS75LXST Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS75LXST
Description  Digital Thermometer and Thermostat with Extended Addressing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LXST Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS75LXST Datasheet HTML 1Page - Maxim Integrated Products DS75LXST Datasheet HTML 2Page - Maxim Integrated Products DS75LXST Datasheet HTML 3Page - Maxim Integrated Products DS75LXST Datasheet HTML 4Page - Maxim Integrated Products DS75LXST Datasheet HTML 5Page - Maxim Integrated Products DS75LXST Datasheet HTML 6Page - Maxim Integrated Products DS75LXST Datasheet HTML 7Page - Maxim Integrated Products DS75LXST Datasheet HTML 8Page - Maxim Integrated Products DS75LXST Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS75LX: Digital Thermometer and Thermostat with Extended Addressing
OPERATION—MEASURING TEMPERATURE
The DS75LX measures temperature using a bandgap temperature-sensing architecture. An on-board delta-sigma
analog-to-digital converter (ADC) converts the measured temperature to a digital value that is calibrated in degrees
celsius; for Fahrenheit applications a lookup table or conversion routine must be used. The DS75LX is factory-
calibrated and requires no external components to measure temperature.
At power-up the DS75LX immediately begins measuring and converting its own temperature to a digital value. The
resolution of the digital output data is user-configurable to 9, 10, 11, or 12 bits, corresponding to temperature
increments of 0.5
°C, 0.25°C, 0.125°C, and 0.0625°C, respectively, with 9-bit default resolution at power-up. The
resolution is controlled via the R0 and R1 bits in the configuration register as explained in the Configuration
Register section of this data sheet. Note that the conversion time doubles for each additional bit of resolution.
After each temperature measurement and analog-to-digital conversion, the DS75LX stores the temperature as a
16-bit two’s complement number in the 2-byte temperature register (see Figure 2). The sign bit (S) indicates if the
temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. The most recently
converted digital measurement can be read from the temperature register at any time. Since temperature
conversions are performed in the background, reading the temperature register does not affect the operation in
progress.
Bits 3 through 0 of the temperature register are hardwired to 0. When the DS75LX is configured for 12-bit
resolution, the 12 MSbs (bits 15 through 4) of the temperature register contain temperature data. For 11-bit
resolution, the 11 MSbs (bits 15 through 5) of the temperature register contain data, and bit 4 reads out as 0.
Likewise, for 10-bit resolution, the 10 MSbs (bits 15 through 6) contain data, and for 9-bit the 9 MSbs (bits 15
through 7) contain data, and all unused LSbs will contain 0s. Table 1 gives examples of 12-bit resolution digital
output data and the corresponding temperatures.
Figure 2. Temperature, TH, and TL Register Format
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2
-1
2
-2
2
-3
2
-4
0
0
0
0
Table 1. 12-Bit Resolution Temperature/Data Relationship
TEMPERATURE (
°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0111 1101 0000 0000
7D00h
+25.0625
0001 1001 0001 0000
1910h
+10.125
0000 1010 0010 0000
0A20h
+0.5
0000 0000 1000 0000
0080h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1000 0000
FF80h
-10.125
1111 0101 1110 0000
F5E0h
-25.0625
1110 0110 1111 0000
E6F0h
-55
1100 1001 0000 0000
C900h
5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com