Electronic Components Datasheet Search
  English  ▼

X  

HT12E Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT12E
Description  212 Series of Encoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT12E Datasheet HTML 1Page - Holtek Semiconductor Inc HT12E Datasheet HTML 2Page - Holtek Semiconductor Inc HT12E Datasheet HTML 3Page - Holtek Semiconductor Inc HT12E Datasheet HTML 4Page - Holtek Semiconductor Inc HT12E Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Functional Description
Operation
The 2
12 series of encoders begin a 4-word transmission cycle upon receipt of a transmission enable (TE for the HT12E
or D8~D11 for the HT12A, active low). This cycle will repeat itself as long as the transmission enable (TE or D8~D11) is
held low. Once the transmission enable returns high the encoder output completes its final cycle and then stops as
shown below.
Information Word
If L/M=1 the device is in the latch mode (for use with the latch type of data decoders). When the transmission enable is re-
moved during a transmission, the DOUT pin outputs a complete word and then stops. On the other hand, if L/M=0 the de-
vice is in the momentary mode (for use with the momentary type of data decoders). When the transmission enable is
removed during a transmission, the DOUT outputs a complete word and then adds 7 words all with the
²1² data code.
An information word consists of 4 periods as illustrated below.
HT12A/HT12E
Rev. 1.10
5
January 24, 2003
4 w o r d s
4 w o r d s
E n c o d e r
D O U T
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
T E
Transmission timing for the HT12E
E n c o d e r
D O U T
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
D 8 ~ D 1 1
K e y - i n
1 w o r d
w i t h 3 8 k H z c a r r i e r
1 w o r d
Transmission timing for the HT12A (L/M=Floating or VDD)
E n c o d e r
D O U T
T r a n s m i t t e d
C o n t i n u o u s l y
D 8 ~ D 1 1
K e y - i n
1 w o r d
< 1 w o r d
7 w o r d s
1 w o r d
7 w o r d s
( a l l d a t a = 1 )
( a l l d a t a = 1 )
Transmission timing for the HT12A (L/M=VSS)
1 / 3 b i t s y n c . p e r i o d
p i l o t p e r i o d ( 1 2 b i t s )
a d d r e s s c o d e p e r i o d
p e r i o d
d a t a c o d e
Composition of information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com