Electronic Components Datasheet Search
  English  ▼

X  

HT12E Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT12E
Description  212 Series of Encoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT12E Datasheet HTML 2Page - Holtek Semiconductor Inc HT12E Datasheet HTML 3Page - Holtek Semiconductor Inc HT12E Datasheet HTML 4Page - Holtek Semiconductor Inc HT12E Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E Datasheet HTML 9Page - Holtek Semiconductor Inc HT12E Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Address/Data Waveform
Each programmable address/data pin can be externally set to one of the following two logic states as shown below.
The address/data bits of the HT12A are transmitted with a 38kHz carrier for infrared remote controller flexibility.
Address/Data Programming (Preset)
The status of each address/data pin can be individually pre-set to logic
²high² or ²low². If a transmission-enable signal
is applied, the encoder scans and transmits the status of the 12 bits of address/data serially in the order A0 to AD11 for
the HT12E encoder and A0 to D11 for the HT12A encoder.
During information transmission these bits are transmitted with a preceding synchronization bit. If the trigger signal is
not applied, the chip enters the standby mode and consumes a reduced current of less than 1
mA for a supply voltage of
5V.
Usual applications preset the address pins with individual security codes using DIP switches or PCB wiring, while the
data is selected by push buttons or electronic switches.
The following figure shows an application using the HT12E:
HT12A/HT12E
Rev. 1.10
6
January 24, 2003
" O n e "
" Z e r o "
f O S C
A d d r e s s /
D a t a B i t
Address/Data bit waveform for the HT12E
" O n e "
" Z e r o "
f O S C
D a t a B i t
D a t a B i t
" O n e "
" Z e r o "
A d d r e s s B i t
A d d r e s s B i t
3 8 k H z
c a r r i e r
Address/Data bit waveform for the HT12A
T E
V D D
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
V S S
A D 8 A D 9 A D 1 0 A D 1 1
O S C 1
O S C 2
D O U T
T r a n s m i s s i o n
m e d i u m
V D D
V S S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com