Electronic Components Datasheet Search
  English  ▼

X  

SP7682A Datasheet(PDF) 10 Page - Exar Corporation

Part # SP7682A
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682A Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP7682A Datasheet HTML 6Page - Exar Corporation SP7682A Datasheet HTML 7Page - Exar Corporation SP7682A Datasheet HTML 8Page - Exar Corporation SP7682A Datasheet HTML 9Page - Exar Corporation SP7682A Datasheet HTML 10Page - Exar Corporation SP7682A Datasheet HTML 11Page - Exar Corporation SP7682A Datasheet HTML 12Page - Exar Corporation SP7682A Datasheet HTML 13Page - Exar Corporation SP7682A Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 10
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, TA = 25
°C unless otherwise noted.
Ch1=SET_BL
Ch2=Vout
Ch4=Iin
0.2A/div
Ch1=SET_BL
Ch2=Vout
Ch4=Iin
0.2A/div
SP7682A SET_BL=41 Pulses LEDs=20mA 1x
SP7682A SET_BL=41 Pulses LEDs=20mA, 1.5x
Ch1=SET_FL
Ch2=Vout
Ch4=Iin
0.2A/div
Ch1=SET_FL
Ch2=Vout
Ch4=Iin
0.2A/div
SP7682A SET_FL=31 Pulses Flash=0.3A 1x
SP7682A SET_FL=31 Pulses Flash = 0.3A 2x
Ch4=Iin
0.2A/div
Ch2=Vout
Ch1=SET_FL
Ch2=Vout
Ch4=Iin
0.2A/div
SP7682A SET_FL=31 Pulses Flash=0.3A 2s
SP7682 TD0=TD1=0V Flash=0.3A 4s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com