Electronic Components Datasheet Search
  English  ▼

X  

SP7682A Datasheet(PDF) 4 Page - Exar Corporation

Part # SP7682A
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682A Datasheet(HTML) 4 Page - Exar Corporation

  SP7682A Datasheet HTML 1Page - Exar Corporation SP7682A Datasheet HTML 2Page - Exar Corporation SP7682A Datasheet HTML 3Page - Exar Corporation SP7682A Datasheet HTML 4Page - Exar Corporation SP7682A Datasheet HTML 5Page - Exar Corporation SP7682A Datasheet HTML 6Page - Exar Corporation SP7682A Datasheet HTML 7Page - Exar Corporation SP7682A Datasheet HTML 8Page - Exar Corporation SP7682A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 4
PIN DESCRIPTION
PIN #
PIN
NAME
DESCRIPTION
1
VIN
Power supply input. Place a 4.7uF decoupling capacitor next to this pin.
2
PGND
Power ground pin.
3
EN
Enable/Shutdown (Logic high = enable, logic low = shutdown). Used to immediately
disable the driver and reset the output current level.
4, 5
SCL,SDA
(SP7682)
These pins connect to the I
2C bus. Multiple functions can be programmed through his
interface.
4
SETFL
(SP7682A)
Used to serially program the Flash LED current
5
SETBL
(SP7682A)
Used to serially program the Backlight LED’s output current
6
FLASH
High current internal current source. Connect a high brightness LED between this pin and
VOUT. The value of the current can be programmed via the I
2C interface between 0mA
and 500mA with 10mA increments. During operation this pin is monitored for dropout.
When dropout condition detected the charge pump increases operation mode from 1x to
1.5x to 2x. If the FLASH current is set to above the maximum threshold the time-out
protection circuit is activated. After the maximum time of constant operation, FLASH
current is reduced to zero.
7,8,9,
10
LED1-
LED4
Internal current source for LCD backlight. Connect an LED between each of these pins
and VOUT. The value of the current can be programmed via the I
2C interface between
0mA and 32mA with 0.5mA increments. During operation this pin is monitored for dropout.
When dropout condition detected the charge pump increases operation mode from 1x to
1.5x to 2x. If any of the LEDs are not used connect the corresponding pin to Vout.
11
SGND
Signal ground pin.
12
VOUT
Output voltage of the internal charge pump. Connect the LEDs between this pin and the
corresponding internal current source. Connect a 2.2uF capacitor between VOUT and
PGND.
13,14,
15,16
C2+, C2-,
C1+, C1-
Connect external flying capacitors between these pins.
-
Thermal
Pad
Connect thermal pad to PGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com