Electronic Components Datasheet Search
  English  ▼

X  

SP7682AEB Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7682AEB
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682AEB Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7682AEB Datasheet HTML 2Page - Exar Corporation SP7682AEB Datasheet HTML 3Page - Exar Corporation SP7682AEB Datasheet HTML 4Page - Exar Corporation SP7682AEB Datasheet HTML 5Page - Exar Corporation SP7682AEB Datasheet HTML 6Page - Exar Corporation SP7682AEB Datasheet HTML 7Page - Exar Corporation SP7682AEB Datasheet HTML 8Page - Exar Corporation SP7682AEB Datasheet HTML 9Page - Exar Corporation SP7682AEB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 6
THEORY OF OPERATION
The SP7682 and SP7682A are charge pump based
backlight and flash LED drivers with I
2C and serial single
wire interface (SWI) control respectively. The SP7682
family provides very accurate current drive capability for
up-to four backlight LED channels and a flash LED. The
backlight LED current can be set through a serial
interface controlled 6-bit current DAC with 0.5mA steps,
up to 31.5mA. Similarly, FLASH LED current is set thru a
serial interface controlled 6-bit current DAC with 10mA
steps, up to 500mA.
Backlight and Flash current loops make sure that the
corresponding output currents at each individual LED
output are regulated to their DAC set current values. The
inherent decision and control logic decides the operation
mode of the "gear-box" charge pump to maximize overall
efficiency. In order to decide on the most efficient
operation mode for the charge pump, the decision and
control logic observes the battery voltage, output
voltage, load current, dropout voltage, over-voltage,
over-current conditions and in-regulation feedback
signals and forces the charge pump to operate in one of
the 1x, 1.5x and 2x modes and dynamically switches
between modes to maximize overall efficiency.
The charge pump used in the heart of the design is a
regulated charge pump and regulates the minimum of
the LEDx outputs and FLASH output to be 350mV
typical. Regulated output voltage depends on the
forward voltage drop of the external LEDs used. The
charge pump switches at a high frequency of 2.4MHz
which allows tiny 1uF external capacitors to be used as
flying capacitors.
When any of the LED outputs or the FLASH output
voltage drops below the "dropout" voltage (200mV
typical), the charge pump decides to switch up to a less
efficient mode, i.e. in 1x mode it switches to 1.5x mode,
in 1.5x mode it switches to 2x mode. This switching to a
less efficient mode guarantees the part to sustain LED
currents in regulation. For the decision to switch back to
a more efficient mode, the mode decision logic uses
battery voltage, output voltage and load current
information and relies on preset margins on the mode
switching comparator thresholds.
The FLASH channel can be used in torch mode as well
as in Flash time-out mode. When used for a momentary
Flash output, it is recommended to activate the I
2C
control for timeout. Once the I
2C timeout is activated and
for as long as the Flash is active, the SP7682 charge
pump will operate in 2x mode in order to provide the
continuous voltage and high current needed for Flash.
For the SP7682A, which uses the single wire interface,
the Flash channel will be in 2x mode whenever the Flash
current is at least 230mA.
The SP7682 and SP7682A are furnished with under-
voltage lockout, current limit, thermal shutdown and over
voltage protection features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com