Electronic Components Datasheet Search
  English  ▼

X  

SP7682AEB Datasheet(PDF) 8 Page - Exar Corporation

Part # SP7682AEB
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682AEB Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP7682AEB Datasheet HTML 4Page - Exar Corporation SP7682AEB Datasheet HTML 5Page - Exar Corporation SP7682AEB Datasheet HTML 6Page - Exar Corporation SP7682AEB Datasheet HTML 7Page - Exar Corporation SP7682AEB Datasheet HTML 8Page - Exar Corporation SP7682AEB Datasheet HTML 9Page - Exar Corporation SP7682AEB Datasheet HTML 10Page - Exar Corporation SP7682AEB Datasheet HTML 11Page - Exar Corporation SP7682AEB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 8
Vin(AC)
Vout(AC)
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, TA = 25
°C unless otherwise noted.
Flash PWF4 2x Timeout Mode,
IOUT Vs VIN
100
200
300
400
500
3.03.3
3.63.9
4.2
Vin (V)
Flash=500mA2xTimeout Mode
Flash=400mA2xTimeout Mode
Flash=300mA2xTimeout Mode
Flash=200mAAuto Mode
Flash PWF4 1.5x Mode Forced,
IOUT Vs VIN
100
200
300
400
500
3.0
3.3
3.6
3.9
4.2
Vin (V)
Flash=500mA1.5xForced Mode
Flash=400mA1.5xForced Mode
Flash=300mA1.5xForced Mode
Flash=200mA1.5xForced Mode
Vin(AC)
Vout(AC)
Vin(AC)
Vout(AC)
Flash PWF4 Auto Mode, IOUT Vs VIN
100
200
300
400
500
3.03.3
3.63.9
4.2
Vin (V)
Flash=500mAAuto Mode
Flash=400mAAuto Mode
Flash=300mAAuto Mode
Flash=200mAAuto Mode
400mA 2x Timeout Mode Ripple
400mA Forced 1.5x Mode Ripple
400mA Auto Mode 1.5x to 2x Mode Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com