Electronic Components Datasheet Search
  English  ▼

X  

YDA138 Datasheet(PDF) 16 Page - YAMAHA CORPORATION

Part # YDA138
Description  D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA138 Datasheet(HTML) 16 Page - YAMAHA CORPORATION

Back Button YDA138 Datasheet HTML 12Page - YAMAHA CORPORATION YDA138 Datasheet HTML 13Page - YAMAHA CORPORATION YDA138 Datasheet HTML 14Page - YAMAHA CORPORATION YDA138 Datasheet HTML 15Page - YAMAHA CORPORATION YDA138 Datasheet HTML 16Page - YAMAHA CORPORATION YDA138 Datasheet HTML 17Page - YAMAHA CORPORATION YDA138 Datasheet HTML 18Page - YAMAHA CORPORATION YDA138 Datasheet HTML 19Page - YAMAHA CORPORATION YDA138 Datasheet HTML 20Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
YDA138
16
●
Analog Characteristics (VSS=0V, VDDP=12V, Ta=25ºC, Frequency:1kHz, unless otherwise specified)
Digital Amplifier Section
Item
Condition
Symbol
Min.
Typ.
Max.
Unit
Maximum Output (stereo) (THD+N=10%)
RL=8Ω
10.0
W
Maximum Output (mono) (THD+N=10%)
RL=4Ω
PO
20.0
W
Voltage Gain (at 1V input sensitivity)
AV
18
dB
Total Harmonic Distortion Rate (stereo)
(BW: 20kHz)
RL=8Ω, PO=1.0W
0.02
%
Total Harmonic Distortion Rate (mono)
(BW: 20kHz)
RL=4Ω, PO=10W
THD+N
0.1
%
Signal /Noise Ratio
(BW: 20kHz A-Filter)
RL=8Ω, PO=10W,
VOL[1:0]=H,H
SNR
103
dB
Channel Separation Ratio
VOL[1:0]=H,H
CS
-70
dB
Maximum Efficiency
RL=8Ω, PO=10W
η
88
%
Output Offset Voltage
Vo
±20
mV
Note) All the values of analog characteristics were obtained by using our evaluation circumstance.
Depending upon parts and pattern layout to use, characteristics may be changed.
8Ω resistor and 30µH coil are used as an output load in order to obtain various digital amplifier characteristics.
Headphone Amplifier Section
Item
Condition
Symbol
Min.
Typ.
Max.
Unit
Maximum Output (THD+N=10%)
RL=32Ω
Pho
50.0
mW
Total Harmonic Distortion Rate
(BW: 20kHz )
RL=32Ω, Pho=30mW
THD+N
0.01
%
Signal /Noise Ratio
(BW: 20kHz A-Filter )
RL=32Ω, Pho=20mW,
VOL[1:0]=H,H
SNR
95
dB
Channel Separation Ratio
RL=32Ω, VOL[1:0]=H,H
CS
-75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com