Electronic Components Datasheet Search
  English  ▼

X  

YDA138 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # YDA138
Description  D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA138 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  YDA138 Datasheet HTML 1Page - YAMAHA CORPORATION YDA138 Datasheet HTML 2Page - YAMAHA CORPORATION YDA138 Datasheet HTML 3Page - YAMAHA CORPORATION YDA138 Datasheet HTML 4Page - YAMAHA CORPORATION YDA138 Datasheet HTML 5Page - YAMAHA CORPORATION YDA138 Datasheet HTML 6Page - YAMAHA CORPORATION YDA138 Datasheet HTML 7Page - YAMAHA CORPORATION YDA138 Datasheet HTML 8Page - YAMAHA CORPORATION YDA138 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
YDA138
3
■
Terminal function
No.
Name
I/O
Function
Voltage
tolerance
1
HPOR
O
R-ch Headphone Output terminal
LV
2
AVSS
Pow
5V Analog Ground terminal
LV
3
VSSBGR
Pow
Ground terminal for Reference Voltage Supply
LV
4
VREFR
O
R-ch Reference Voltage terminal (with external capacitor)
LV
5
INR
I
R-ch Analog Signal Input terminal
LV
6
MUTEN
I
Mute Control terminal
LV
7
PVDDPR
Pow
R-ch 12V-line VDD terminal
HV
8
OUTPR
O
R-ch Positive Side Output terminal
HV
9
PVSSR
Pow
R-ch 12V-line VSS terminal
HV
10
PVSSR
Pow
R-ch 12V-line VSS terminal
HV
11
PVSSR
Pow
R-ch 12V-line VSS terminal
HV
12
PVSSR
Pow
R-ch 12V-line VSS terminal
HV
13
PVSSR
Pow
R-ch 12V-line VSS terminal
HV
14
OUTMR
O
R-ch Negative Side Output terminal
HV
15
PVDDMR
Pow
R-ch 12V-line VDD terminal
HV
16
PROTN
O
Warning Signal Output terminal (O/D)
HV
17
SLEEPN
I
Sleep Control terminal
HV
18
DVSS
Pow
Digital Ground terminal
LV
19
CKIO
I/O
Clock Input/Output terminal
LV
20
XO
O
CERALOCK connection terminal
*1
LV
21
XI
I
CERALOCK connection terminal
*1
LV
22
DVDD
I
Digital Power Supply terminal (Connect to REFA terminal
outside the IC)
LV
23
MODE0
I
Operating Mode Selection terminal
LV
24
MODE1
I
Operating Mode Selection terminal
LV
25
MODE2
I
Operating Mode Selection terminal
LV
26
VOL0
I
Input Sensitivity Setting terminal
LV
27
VOL1
I
Input Sensitivity Setting terminal
LV
28
PVDDML
Pow
L-ch 12V-line VDD terminal
HV
29
OUTML
O
L-ch Negative Side Output terminal
HV
30
PVSSL
Pow
L-ch 12V-line VSS terminal
HV
31
PVSSL
Pow
L-ch 12V-line VSS terminal
HV
32
PVSSL
Pow
L-ch 12V-line VSS terminal
HV
33
PVSSL
Pow
L-ch 12V-line VSS terminal
HV
34
PVSSL
Pow
L-ch 12V-line VSS terminal
HV
35
OUTPL
O
L-ch Positive Side Output Terminal
HV
36
PVDDPL
Pow
L-ch 12V-line VDD terminal
HV
37
HP
I
Headphone Control terminal
LV
38
INL
I
L-ch Analog Signal Input terminal
LV
39
VREFL
O
L-ch Reference Voltage terminal (with external capacitor)
LV
40
PVDDREG
Pow
12V-line PVDD terminal for Regulator Circuit
HV
41
REFA
O
5V Regulator Output terminal (with external capacitor)
LV
42
HPOL
O
L-ch Headphone Output terminal
LV
(Note) I: Input terminal, O: Output terminal, I/O: Input/Output terminal, Pow: Power supply terminal
LV: Terminal for VREG power supply voltage range as input voltage range.
HV: Terminal for VDDP power supply voltage range as input voltage range.
*1: CERALOCK which was described above and will be described later is a registered trade mark of
Murata Manufacturing Co.,Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com