Electronic Components Datasheet Search
  English  ▼

X  

HT45RM03 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
HT45RM03
Rev. 1.10
12
February 16, 2007
tor can also be connected between OSC1 and OSC2 to
get a frequency reference, but two external capacitors in
OSC1 and OSC2 are required (If the oscillating fre-
quency is less than 1MHz).
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works with a
period of approximately 65
ms at 5V. The WDT oscillator
can be disabled by options to conserve power.
Watchdog Timer
- WDT
The clock source of WDT is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4), decided by options. This timer is
designed to prevent a software malfunction or sequence
from jumping to an unknown location with unpredictable
results. The Watchdog Timer can be disabled by an op-
tion. If the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator with a
period of 65
ms at 5V normally) is selected, it is first di-
vided by 256 (8-stage) to get the nominal time-out pe-
riod of approximately 17ms at 5V. This time-out period
may vary with temperatures, VDD and process varia-
tions. By invoking the WDT prescaler, longer time-out
periods can be realized. Writing data to WS2, WS1,
WS0 (bit 2,1,0 of the WDTS) can give different time-out
periods. If WS2, WS1, and WS0 are all equal to 1, the di-
vision ratio is up to 1:128, and the maximum time-out
period is 2.1s at 5V seconds. If the WDT oscillator is dis-
abled, the WDT clock may still come from the instruction
clock and operate in the same manner except that in the
HALT state the WDT may stop counting and lose its pro-
tecting purpose. In this situation the logic can only be re-
started by external logic. The high nibble and bit 3 of the
WDTS are reserved for user
¢s defined flags, which can
be used to indicate some specified status.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit ²TO². But in the HALT
mode, the overflow will initialize a
²warm reset², and
only the Program Counter and SP are reset to zero. To
clear the contents of WDT (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLRWDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT will be cleared and recounted again (if the WDT
clock is from the WDT oscillator).
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com