Electronic Components Datasheet Search
  English  ▼

X  

HT45RM03 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
HT45RM03
Rev. 1.10
26
February 16, 2007
A/D Converter
The 8 channels and 9-bit resolution A/D converter are implemented in this microcontroller. The reference voltage is
VDD. The A/D converter contains 4 special registers which are; ADRL (20H), ADRH (21H), ADCR (22H) and ACSR
(23H). The ADRH and ADRL are A/D result register higher-order byte and lower-order byte and are read-only. After the
A/D conversion is completed, the ADRH and ADRL should be read to get the conversion result data. The ADCR is an
A/D converter control register, which defines the A/D channel number, analog channel select, start A/D conversion con-
trol bit and the end of A/D conversion flag. If the users want to start an A/D conversion, define PB configuration, select
the converted analog channel, and give START bit a raising edge and falling edge (0
®1®0). At the end of A/D conver-
sion, the EOCB bit is cleared and an A/D converter interrupt occurs (if the A/D converter interrupt is enabled). The
ACSR is A/D clock setting register, which is used to select the A/D clock source.
The A/D converter control register is used to control the A/D converter. The bit2~bit0 of the ADCR are used to select an
analog input channel. There are a total of eight channels to select. The bit5~bit3 of the ADCR are used to set PB config-
urations. PB can be an analog input or as digital I/O line decided by these 3 bits. Once a PB line is selected as an ana-
log input, the I/O functions and pull-high resistor of this I/O line are disabled and the A/D converter circuit is power on.
The EOCB bit (bit6 of the ADCR) is end of A/D conversion flag. Check this bit to know when A/D conversion is com-
pleted. The START bit of the ADCR is used to begin the conversion of the A/D converter. Giving START bit a rising edge
and falling edge means that the A/D conversion has started. In order to ensure the A/D conversion is completed, the
START should remain at
²0² until the EOCB is cleared to ²0² (end of A/D conversion).
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
2~7
¾
Unused bit, read as
²0²
ACSR (23H) Register
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select.
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration select. If PCR0, PCR1 and PCR2 are all 0, the ADC circuit is
power off to reduce power consumption
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialized by issuing a START signal, oth-
erwise the EOCB flag may have an undefined condition. See
²Important note for A/D initializa-
tion
².
7
START
Starts the A/D conversion. (0
®1®0= start; 0®1= Reset A/D converter and set EOCB to ²1²)
ADCR (22H) Register
PCR2
PCR1
PCR0
76543
2
10
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
AN0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
AN1
AN0
0
1
1
PB7
PB6
PB5
PB4
PB3
AN2
AN1
AN0
1
0
0
PB7
PB6
PB5
PB4
AN3
AN2
AN1
AN0
1
0
1
PB7
PB6
PB5
AN4
AN3
AN2
AN1
AN0
1
1
0
PB7
PB6
AN5
AN4
AN3
AN2
AN1
AN0
1
1
1
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
Port B Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com