Electronic Components Datasheet Search
  English  ▼

X  

HT46R01 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
23
September 21, 2007
the timer registers before the timer is switched on; this is
because after power-on the initial values of the timer reg-
isters are unknown. After the timer has been initialised
the timer can be turned on and off by controlling the en-
able bit in the timer control register.
When the Timer/Event counter overflows, its corre-
sponding interrupt request flag in the interrupt control
register will be set. If the timer interrupt is enabled this
will in turn generate an interrupt signal. However irre-
spective of whether the interrupts are enabled or not, a
Timer/Event counter overflow will also generate a
wake-up signal if the device is in a Power-down condi-
tion. This situation may occur if the Timer/Event Counter
is in the Event Counting Mode and if the external signal
continues to change state. In such a case, the
Timer/Event Counter will continue to count these exter-
nal events and if an overflow occurs the device will be
woken up from its Power-down condition. To prevent
such a wake-up from occurring, the timer interrupt re-
quest flag should first be set high before issuing the
²HALT² instruction to enter the Power Down Mode.
Timer Program Example
The following example program section is based on the
HT46R02 and HT46R03 devices, which contains two in-
ternal 8-bit Timer/Event Counters. The program shows
how the Timer/Event Counter registers are setup along
with how the interrupts are enabled and managed. Note
how the Timer/Event Counter is turned on, by setting bit
4 of the respective Timer Control Register. The
Timer/Event Counter can be turned off in a similar way
by clearing the same bit. This example program sets the
Timer/Event Counters to be in the timer mode, which
uses the internal system clock as their clock source.
::
org 04h
; external interrupt vector
reti
org 08h
; Timer Counter 0 interrupt vector
jmp tmr0int ; jump here when Timer 0 overflows
org 0ch
; Timer Counter 1 interrupt vector
jmp tmr1int ; jump here when Timer 1 overflows
::
org 20h
; main program
::
;internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
:
reti
:
;internal Timer 1 interrupt routine
tmr1int:
:
;Timer 1 main program placed here
:
reti
:
begin:
;setup Timer 0 registers
mov a,09bh
; setup Timer 0 preload value
mov tmr0,a
mov a,081h
; setup Timer 0 control register
mov tmr0c,a ; timer mode and prescaler set to /2
;setup Timer 1 registers
clr tmr1
; clear timer register to give maximum count value
mov a,080h
; setup Timer 1 control register
mov tmr1c,a ; timer mode - Timer 1 has no prescaler
;setup interrupt register
mov a,00dh
; enable master interrupt and both timer
; interrupts
mov intc0,a
::
set tmr0c.4 ; start Timer 0
set tmr1c.4 ; start Timer 1
::



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com