Electronic Components Datasheet Search
  English  ▼

X  

HT46R53A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R53A
Description  A/D Type 8-Bit OTP MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R53A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
HT46R53A/HT46R54A
Rev. 1.00
13
August 24, 2006
The WDT time-out during HALT differs from other chip
reset conditions, for it can perform a
²warm reset² that
resets only the Program Counter and SP, leaving the
other circuits at their original state. Some registers re-
main unaffected during any other reset conditions. Most
registers are reset to the
²initial condition² when the re-
set conditions are met. Examining the PDF and TO
flags, the program can distinguish between different
²chip resets².
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem reset (power-up, WDT time-out or RES reset) or the
system awakes from the HALT state. When a system re-
set occurs, the SST delay is added during the reset pe-
riod. Any wake-up from the HALT will enable the SST
delay. An extra option load time delay is added during
system reset (Power-up, WDT time-out at normal mode
or RES reset).
The functional unit chip reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler, Divider
Cleared
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
Stack Pointer
Points to the top of the stack
t S S T + t O P D
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W D T
E x t e r n a l
T i m e - o u t
R e s e t
Reset Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com