Electronic Components Datasheet Search
  English  ▼

X  

HT46R53A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R53A
Description  A/D Type 8-Bit OTP MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R53A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Block Diagram
Pin Assignment
HT46R53A/HT46R54A
Rev. 1.00
2
August 24, 2006
O S C 2 O S C 1
R E S
V D D
M U X
V S S
P r o g r a m
R O M
P r o g r a m
C o u n t e r
I n t e r r u p t
C i r c u i t
I N T C
D A T A
M e m o r y
I n s t r u c t i o n
R e g i s t e r
M
U
X
I n s t r u c t i o n
D e c o d e r
S T A T U S
A L U
S h i f t e r
T i m i n g
G e n e r a t o r
A C C
M P
B P
M
U
X
f S Y S
P r e s c a l e r
T M R
T M R C
T M R
M
U
X
W D T O S C
W D T
f S Y S / 4
W D T S
W D T
P r e s c a l e r
E N / D I S
P o r t A
P A
P A C
P A 0 ~ P A 2 , P A 3 / P F D
P A 4 / T M R , P A 5 / I N T
P A 6 ~ P A 7
M
U
X
V R E F
V D D
P o r t B
P B
P B C
P B 0 / A N 0 ~ P B 7 / A N 7
A / D C o n v e r t e r
P o r t C
P C
P C C
P o r t D
P D
P D C
P C 0 ~ P C 4
P D 0 / P W M
O p t i o n R O M
O T P O n l y
I N T
S T A C K
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 4 6 R 5 3 A / H T 4 R 5 4 A
2 8 S K D I P - A / S O P - A
P A 3 / P F D
P A 2
P A 1
P A 0
P D 0 / P W M
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
V S S
V R E F
P B 3 / A N 3
P C 0
P C 1
P C 2
P A 4 / T M R
P A 5 / I N T
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P B 7 / A N 7
P B 6 / A N 6
P B 5 / A N 5
P B 4 / A N 4
P C 3
P C 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com