Electronic Components Datasheet Search
  English  ▼

X  

DM61 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # DM61
Description  DM61 Panel Meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

DM61 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  DM61 Datasheet HTML 1Page - Ashcroft, Inc. DM61 Datasheet HTML 2Page - Ashcroft, Inc. DM61 Datasheet HTML 3Page - Ashcroft, Inc. DM61 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
of 4
4
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. DM-61_panel_meter_ds, RevB_03-03-20
ashcroft.com
info@ashcroft.com
1.800.328.8258
DM61 Panel Meter
Data Sheet
[120.65]
4.75
[128.52]
5.06
[62.48]
2.46
[135.64]
5.34
[143.51]
5.65
[14.99]
0.59
[106.17]
4.18
[118.87]
4.68
[91.69]
3.61
[44.70]
1.76
BOTTOM VIEW
REAR VIEW
FRONT VIEW
NOTES:
MOUNTING BRACKETS ARE REPRESENTATIVE ONLY,
SIZE AND LOCATION MAY VARY BY INSTALLATION.
1.
INTERNAL ELECTRONICS AND MOUNTING GASKET NOT SHOWN.
2.
RECOMMENDED 1/8 DIN INSTALLATION
CUTOUT SIZE OF 3.622˝ x 1.772˝ (92 mm x 45 mm) (W x H).
3.
ALLOW AT LEAST 6˝ BEHIND PANEL FOR WIRING.
4. PANEL THICKNESS 0.04˝-0.25˝ (1.0 mm-6.4 mm).
5.
RECOMMENDED MINIMUM PANEL THICKNESS TO MAINTAIN TYPE 4X:
6.
0.06˝ (1.5 mm) STEEL PANEL
0.16˝ (4.1 mm) PLASTIC PANEL
Notes:
1. Panel cutout required: 1.772˝ x 3.622˝ (45mm x 92mm)
2. Panel thickness: 0.040 - 0.250” (1.0mm - 6.4mm)
3. Mounting brackets lock in place for easy mounting
4. Clearance: Allow 6˝ (152mm) behind the panel
Notes:
1. Mounting brackets are representative only, size and location may vary
by installation
2. Internal electronics and mounting gasket not shown.
3. Recommended 1/8 DIN installation cutout size of
3.622” x 1.772” (92mm x 45mm) (W x H)
4. Panel thickness 0.04”- 0.25” (1.0mm-6.4mm)
5. Allow at least 6” behind panel for wiring
6. Recommended Min. panel thickness to maintain type 4X:
0.06” (1.5mm) steel panel
0.16” (4.1mm) plastic panel
[120.65]
4.75
[128.52]
5.06
[62.48]
2.46
[135.64]
5.34
[143.51]
5.65
[14.99]
0.59
[106.17]
4.18
[118.87]
4.68
[91.69]
3.61
[44.70]
1.76
BOTTOM VIEW
REAR VIEW
FRONT VIEW
NOTES:
MOUNTING BRACKETS ARE REPRESENTATIVE ONLY,
SIZE AND LOCATION MAY VARY BY INSTALLATION.
1.
INTERNAL ELECTRONICS AND MOUNTING GASKET NOT SHOWN.
2.
RECOMMENDED 1/8 DIN INSTALLATION
CUTOUT SIZE OF 3.622˝ x 1.772˝ (92 mm x 45 mm) (W x H).
3.
ALLOW AT LEAST 6˝ BEHIND PANEL FOR WIRING.
4. PANEL THICKNESS 0.04˝-0.25˝ (1.0 mm-6.4 mm).
5.
RECOMMENDED MINIMUM PANEL THICKNESS TO MAINTAIN TYPE 4X:
6.
0.06˝ (1.5 mm) STEEL PANEL
0.16˝ (4.1 mm) PLASTIC PANEL
Front View
Rear View
Bottom View
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com