Electronic Components Datasheet Search
  English  ▼

X  

DM61 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # DM61
Description  DM61 Panel Meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

DM61 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  DM61 Datasheet HTML 1Page - Ashcroft, Inc. DM61 Datasheet HTML 2Page - Ashcroft, Inc. DM61 Datasheet HTML 3Page - Ashcroft, Inc. DM61 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of 4
2
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. DM-61_panel_meter_ds, RevB_03-03-20
ashcroft.com
info@ashcroft.com
1.800.328.8258
DM61 Panel Meter
Data Sheet
PHYSICAL SPECIFICATIONS
Front Panel:
NEMA 4X, IP65 Capable when installed in a
suitable enclosure
Mounting:
Panel (mounting brackets included)
Weight:
9.5 oz
Electrical
Connections:
Removable screw terminal blocks accept 12 to 22
AWG wire, RJ45 for external relays, digital I/O, and
serial communication adapters
UL File Number:
UL & cUL Listed 508 Industrial Control Equipment
NON-WETTED
Enclosure
1
⁄8 DIN, high impact plastic, UL 94V-0, black
PROCESS INPUT
Inputs:
Field selectable: 0-20, 4-20 mA, ±10 V (0-5, 1-5,
0-10 V), Modbus PV (Slave)
Single Input
Conditioning:
Linear, square root, programmable exponent, or
round horizontal tank volume calculation
Multi-Point
Linearization:
2 to 32 points
Programmable
Exponent:
1.0001 to 2.9999
Low-Flow Cutoff:
0-999999 (0 disables cutoff function)
Decimal Point:
0 through 5 places user programable
Calibration Range:
4-20 mA: (Min.) span input 1 & input 2: 0.15 mA
±10 V: (Min.) span input 1 & 2: 0.10 V
An Error message will appear if input 1 and input 2
signals are too close together
Input Impedance:
Voltage ranges: Greater than 500 ohms
Current ranges: 50-100Ω (depending on resettable
fuse impedance)
Input Overload:
Current input protected by resettable fuse, 30
Vdc Max. Fuse resets automatically after fault is
removed
RELAYS
Rating:
2 or 4 SPDT (Form C) internal and/or 4 SPST
(Form A) external
Resistive Load:
3 Amp @ 30 Vdc and 125/250 Vac
Inductive load:
1
⁄14 HP (approx. 50 watts) @ 125/250 Vac
Deadband:
0-100% span, user-defined/field programmable
High or Low Alarm:
Field selectable; user may program for high, low or
disabling alarm function
Relay Operation:
Automatic (non-latching), latching (requires manual
acknowledge), sampling (based on time), pump
alternation control (2 to 8 relays), Off (disable
unused relays and enable interlock feature, manual
on/off control mode)
Relay Reset:
User selectable via front panel buttons or digital inputs
1. Automatic reset only (non-latching), when input
passes the reset point
2. Automatic + manual reset at any time (non-latching)
3. Manual reset only, at any time (latching)
4. Manual reset only after alarm condition has
cleared (latching)
Front panel button or digital input may be assigned
to acknowledge relays programmed for manual
reset
Time Delay:
0 to 999.9 seconds, on and off relay time delays.
Programmable and independent for each relay
Fail-Safe Operation: Programmable and independent for each relay.
Relay coil is energized in non-alarm condition. In
case of power failure, relay will go to alarm state
Auto Initialization:
When power is applied to the meter, relays will
reflect the state of the input to the meter
SERIAL COMMUNICATIONS
Protocol:
Modbus® RTU
Meter Address/
Slave ID:
1-247
Baud Rate:
300-19,200 bps
Transmit Time
Delay:
Programmable between 0-199 msec or transmitter
always on for RS-422
Data:
8 bit (1 start bit, 1 or 2 stop bits)
Parity:
Even, odd, or none with 1 or 2 stop bits
Byte-to-Byte Timeout: 0.01-2.54 seconds
Turn Around Delay:
<2 msec (fixed)
USB CONNECTION
Compatibility:
USB 2.0 standard, compliant
Connector Type:
Micro-B receptacle
Cable:
USB A Male to Micro-B cable
Driver:
Microsoft® Windows® XP/Vista/7/8/10
Power:
USB Port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com