Electronic Components Datasheet Search
  English  ▼

X  

DN2530 Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN2530
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2530 Datasheet(HTML) 3 Page - Supertex, Inc

  DN2530 Datasheet HTML 1Page - Supertex, Inc DN2530 Datasheet HTML 2Page - Supertex, Inc DN2530 Datasheet HTML 3Page - Supertex, Inc DN2530 Datasheet HTML 4Page - Supertex, Inc DN2530 Datasheet HTML 5Page - Supertex, Inc DN2530 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DN2530
Typical Performance Curves
Output Characteristics
1.0
0.8
0.6
0.4
0.2
0
050
100
150
200
250
VDS (volts)
Transconductance vs. Drain Current
ID (amperes)
Power Dissipation vs. Case Temperature
0
150
100
50
125
75
25
TO-92
TO-243AA
VGS = 1.0V
0.5V
-0.5V
-1.0V
-1.5V
0V
Saturation Characteristics
0.25
0.2
0.15
0.1
0.05
0
2.0
1.6
1.2
0.8
0.4
0
01
2
3
5
4
VGS = 1.0V
-1.5V
0.5V
0V
-0.5V
-1.0V
Maximum Rated Safe Operating Area
1
1000
100
10
1
0.1
0.01
0.001
VDS (volts)
TO-92 (pulsed)
TC = 25°C
TO-92 (DC)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
0
TO-243AA
TA = 25°C
PD = 1.6W
0.5
0.4
0.3
0.2
0.1
0
0
0.25
0.05
0.1
0.15
0.2
VDS = 10V
TA = -55°C
TA = 25°C
TA = 125°C
TO-92
TC = 25°C
PD = 1.0W
VDS (volts)
TC (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com