Electronic Components Datasheet Search
  English  ▼

X  

DN2530 Datasheet(PDF) 4 Page - Supertex, Inc

Part # DN2530
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2530 Datasheet(HTML) 4 Page - Supertex, Inc

  DN2530 Datasheet HTML 1Page - Supertex, Inc DN2530 Datasheet HTML 2Page - Supertex, Inc DN2530 Datasheet HTML 3Page - Supertex, Inc DN2530 Datasheet HTML 4Page - Supertex, Inc DN2530 Datasheet HTML 5Page - Supertex, Inc DN2530 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DN2530
Typical Performance Curves (cont.)
BVDSS Variation with Temperature
1.1
1.05
1.0
0.95
0.9
0.85
-50
0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
Transfer Characteristics
Tj (°C)
VGS (Volts)
VDS (Volts)
1.0
0.8
0.6
0.4
0.2
0
-2
-1
0
12
Capacitance Vs. Drain-to-Source Voltage
200
150
100
50
0
010
20
30
40
VGS = -5V
ID = 100mA
VGS = 0V
VDS = 10V
VGS = -10V
COSS
CRSS
CISS
TA = -55°C
TA = 25°C
R
DS (ON)
@ ID = 150mA
V
GS(OFF)
@ 10mA
V
DS
= 40V
TA = 125°C
On-Resistance vs. Drain Current
50
40
30
20
10
0
I
D (amps)
Q
C (Nanocoulombs)
-50
0
50
100
150
01
2
345
V
GS (Off) and RDS Variation with Temperature
2.5
2
1.5
1
0.5
0
15
10
5
0
-5
T
j (°C)
Gate Drive Dynamic Characteristics
V
DS
= 20V
250pF
152pf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com